Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7625 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7625 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7625
Download  ANX7625 Download
File Size   193.97 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description MIPI-DSI/DPI to USB Type-C™ Bridge (Port Controller with MUX)

ANX7625 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7625 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7625
Download  ANX7625 Click to download

File Size   193.97 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description MIPI-DSI/DPI to USB Type-C™ Bridge (Port Controller with MUX)

ANX7625 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7625 Product details

Features
 Standard compliance
- USB Type-C 1.2, DisplayPort 1.3, MIPI-DSI 1.3, MIPI-DPI 2.0, HDCP 2.2 and 1.4, USB-PD 3.0, VESA® DSC 1.1
 Integrated USB Type-C support
- USB3.1 Gen1 (5.0 Gbps)
- DisplayPort Alternate Mode
- Simultaneous USB 3.1 Gen1 (5.0 Gbps) and DisplayPort Alternate Mode
- USB-PD 3.0 on CC wire
- On-chip microcontroller to implement USB-PD messaging and DisplayPort related functions
 DisplayPort transmitter
- DisplayPort transmitter (2-lanes @ 6.75 Gbps)
- Configurable 1-lane or 2-lane output supports: HBR2.5, HBR2, HBR, and RBR data rates
- Video resolution supported: up to 4K (4096x2160p30) or Ultra-HD (3840x2160p30)
- AUXP and AUXN support
- HDCP2.2 and 1.4 support
 Digital audio and video input
- MIPI-DSI (4-lanes) at 1.5 Gbps/lane
- MIPI-DPI 12-bit double data rate with the maximum pixel clock rates up to 150 Mpixels/sec
- DSC with 3:1 or 2:1 compression ratio
- I2S: up to 8-channel, 192 kHz digital audio support with TDM format
 System operation
- Reference input clock: 26 MHz and 27 MHz
- Slave I2C device control interface
- Built-in video BIST patterns and audio tone generator for system self-test
 Power supply
- 1.0V, 1.8V, and 3.0V
 Package options: 64 VFBGA




Similar Part No. - ANX7625

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7625 ANALOGIX-ANX7625 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
ANX7625 ANALOGIX-ANX7625 Datasheet
179Kb / 2P
SlimPort® (4K Ultra-HD) Receiver
December 2016
ANX7625 ANALOGIX-ANX7625 Datasheet
179Kb / 2P
SlimPort® DisplayPort to Single MIPI Receiver
December 2016
ANX7625 ANALOGIX-ANX7625 Datasheet
176Kb / 2P
HDMI to DisplayPort Bridge Controller
September 2017
ANX7625 ANALOGIX-ANX7625 Datasheet
180Kb / 2P
HDMI to USB Type-C™ Bridge (Port Controller with MUX)
September 2016
More results


Similar Description - ANX7625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
MIPI DSI to eDP Bridge
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
Cypress Semiconductor
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com