Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7730 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7730 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7730
Download  ANX7730 Download
File Size   218.56 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort®to HDMI® (Ultra-HD, 4K) Converter

ANX7730 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7730 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7730
Download  ANX7730 Click to download

File Size   218.56 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort®to HDMI® (Ultra-HD, 4K) Converter

ANX7730 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7730 Product details

Features
* Standard compliance
− DisplayPort, MyDP, HDMI, HDCP
* HDMI transmitter
− Connects to any HDMI receiver
− Max TMDS link rate up to 300Mpixels/sec
− Up to 36bpp color depth support at Full-HD
− 3D video output support
− Remote control support through Consumer Electronics Control (CEC)
− HDCP content protection
* SlimPort/MyDP/DisplayPort receiver
− SlimPort (Turbo mode) DisplayPort or MyDP input
− Configurable 1-lane input supports: Turbo mode, HBR2, HBR, and RBR data rates
− Advanced WideEye™ SerDes technology capable of receiving data over long and low quality cables
− Spread Spectrum Clocking (SSC) support
− Stereo (3D) video input support
− Single wire AUXP (C-WIRE) sideband communication
− Integrated remote control support
− HDCP content protection
* System operation
− Integrated On-chip Microcontroller (OCM) for software free operation
− Slave I2Cdevice control interface
− Built-in video test pattern generator
* Power requirements
− 1.0V and 1.8V
− 3.3V input requirement eliminated by an integrated boost regulator
− Standby power: <20mW, while monitoring cable detection
* Package offered:64-pin QFN, 8mm x 8mm, 0.4mm pin-pitch
* RoHS compliant and Halogen free package




Similar Part No. - ANX7730

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7730 ANALOGIX-ANX7730 Datasheet
398Kb / 2P
USB Type-C Crosspoint Switch
June 2015
ANX7730 ANALOGIX-ANX7730 Datasheet
333Kb / 2P
SlimPort® to DisplayPort™ (4K@30Hz) Converter
November 2014
ANX7730 ANALOGIX-ANX7730 Datasheet
293Kb / 2P
SlimPort® Transmitter
June 2015
ANX7730 ANALOGIX-ANX7730 Datasheet
214Kb / 2P
SlimPort® Transmitter
July 2014
ANX7730 ANALOGIX-ANX7730 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
More results


Similar Description - ANX7730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586013300-3 ETC2-586013300-3 Datasheet
2Mb / 2P
HD/SD-SDI to HDMI Converter Box
logo
Tripp Lite. All Rights ...
B118002UHD TRIPPLITE-B118002UHD Datasheet
500Kb / 2P
2-Port 4K HDMI Splitter for Ultra-HD (4Kx2K) Video with Audio - 3840x2160
B118008UHD TRIPPLITE-B118008UHD Datasheet
482Kb / 2P
8-Port 4K HDMI Splitter for Ultra-HD (4Kx2K) Video and Audio - 3840x2160
logo
Analogix Semiconductor,...
ANX7530 ANALOGIX-ANX7530 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
logo
IOGEAR
GHSP8422 IOGEAR-GHSP8422 Datasheet
148Kb / 3P
4K Ultra HD 2-Port Splitter with HDMI Connectors
GHSP8424 IOGEAR-GHSP8424 Datasheet
160Kb / 3P
4K Ultra HD 4-Port Splitter with HDMI Connectors
logo
Digital View Ltd
DT-4096 DIGITALVIEW-DT-4096 Datasheet
903Kb / 2P
4K Ultra-HD LCD Controller
SVX-4096-120 DIGITALVIEW-SVX-4096-120 Datasheet
992Kb / 2P
4K Ultra-HD LCD Controller
Dec 2016 v1.0
SVX-4096-SDM DIGITALVIEW-SVX-4096-SDM Datasheet
569Kb / 2P
4K LCD controller with Intel® SDM
July 2018 v1.2
SVX-4096 DIGITALVIEW-SVX-4096 Datasheet
770Kb / 2P
4K Ultra-HD LCD Controller
April 2016 v1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com