Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX6212 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX6212 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX6212
Download  ANX6212 Download
File Size   199.57 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort™ 1.2 to VGA Converter with OCM

ANX6212 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX6212 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX6212
Download  ANX6212 Click to download

File Size   199.57 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort™ 1.2 to VGA Converter with OCM

ANX6212 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX6212 Product details

Features
* VGA output
− Resolutions up to WUXGA (1920x1200@60Hz, 24bpp)
− VGA output meets VESA VSIS v1r2 clock jitter specification
− VGA DAC work range up to 270 MHz
− Low power standby mode with automatic monitor plug and unplug detection
− Getting power from DisplayPort source
− EDID and MCCS pass-through support
* DisplayPort input
− VESA® compliant DisplayPort 1.2 receiver
− Two-lane high-speed differential input with configurable speed: 2.7Gbps or 1.62Gbps, total bandwidth up to 5.4Gbps
* Optimized for VGA adapters
− Integrated MCU and EEPROM for added flexibility
− Single 3.3V power supply or 3.3V/1.0V power supply supported
− 5.0V power output for VGA DDC
− Low BOM requirements
* System operation
− Field upgradable through DP AUX or I2C
− MCU can control external components
− -10 to +75℃ operating temperature
* Power requirements
− 600mW active power with all regulators active
− Standby power: 12mW with 1V low-dropout (LDO) regulator off
* Package: 6x6mm, 48 QFN (0.4mm pitch)




Similar Part No. - ANX6212

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX6212 ANALOGIX-ANX6212 Datasheet
210Kb / 2P
DisplayPort™ 1.2 to VGA Converter with OCM
August 2014
ANX6212 ANALOGIX-ANX6212 Datasheet
211Kb / 2P
DisplayPort™ 1.2 to VGA Converter
August 2014
ANX6212 ANALOGIX-ANX6212 Datasheet
180Kb / 2P
DisplayPort™ 1.2 to VGA Converter
August 2014
More results


Similar Description - ANX6212

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P134-000VGAV2BP TRIPPLITE-P134-000VGAV2BP Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Compact Adapter, DisplayPort to HD15 (M/F), 1080p, 50 Pack
P134-06N-VGA-V2 TRIPPLITE-P134-06N-VGA-V2 Datasheet
176Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in.
P134-06NVGAV2BP TRIPPLITE-P134-06NVGAV2BP Datasheet
162Kb / 3P
DisplayPort 1.2 to VGA Active Converter, DisplayPort to HD15 (M/F), 1920 x 1200/1080p, 6 in., 50 Pack
P137-06N-VGA-V2 TRIPPLITE-P137-06N-VGA-V2 Datasheet
158Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA Active Adapter Converter (Mini-DP Male to VGA Female), Thunderbolt 1 & 2 Compatible, 6-in.
logo
Kinetic Technologies.
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com