Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1202 Datasheet (PDF) - Analogix Semiconductor, Inc.

SP1202 Datasheet PDF - Analogix Semiconductor, Inc.
Part # SP1202
Download  SP1202 Download
File Size   477.1 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort®to HDMI® Adapter

SP1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1202 Datasheet PDF - Analogix Semiconductor, Inc.

Part # SP1202
Download  SP1202 Click to download

File Size   477.1 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort®to HDMI® Adapter

SP1202 Datasheet (HTML) - Analogix Semiconductor, Inc.


SP1202 Product details

Features
* Video output
− HDMI 1.4 female connection to TV
− Supports resolutions up to 1080p @60Hz, 24bpp
− HDMI 1.4 3D support
− HDCP 1.3 content protection
− Audio support to HDMI monitors (up to 7.1 channels)
* Standards compliance
− SlimPortcertified
− VESA MyDP 1.0compliant
− HDMI 1.4 compliant
− FCC Part 15 Class B EMI compliant
− CE certified
− RoHS II compliant
− Halogen free
* Electrical requirements
− CoolHD®reduces power required from mobile device
− Optional 5V/1.5A (±10%) fast charging
− ± 4kV ESD contact
− ± 8kV ESD air
* Other features
− 400k hours MTBF
− 1 year guarantee
− 0 to +45°C operating temperature
− -5 to +75°C storage temperature
− 5 to 95% relative humidity
− 0.05Kg
− Plug-and-play functionality
* Physical specifications
− HDMI molding: 4.26cm * 2.21cm * 0.99cm
− Micro-USB molding:1.9cm * 1.08cm * 0.659cm
− Color CMYK: black - 10:10:10:100, white - 0:0:0:0, DP Logo red - 0:80:90:00
− Length: 15cm
* Package
− Sealed ESD Protected Plastic Bag
− 21cm*16.5cm
− Bar code identification sticker




Similar Part No. - SP1202

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
SP1202 ANALOGIX-SP1202 Datasheet
1,021Kb / 2P
SlimPort®to HDMI® and VGA Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
347Kb / 2P
SlimPort®to VGA Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
383Kb / 2P
SlimPort®-4K HDMI™ Adapter
March 2016
SP1202 ANALOGIX-SP1202 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
More results


Similar Description - SP1202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
Intel Corporation
I350T2V2 INTEL-I350T2V2 Datasheet
1Mb / 6P
Intel® Ethernet Server Adapter I350
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
logo
Entegris, Inc
PE-4K8P-3 ENTEGRIS-PE-4K8P-3 Datasheet
251Kb / 6P
PrimeLock® Elbow Adapter, PureBond® Pipe
PS-4V4P-3 ENTEGRIS-PS-4V4P-3 Datasheet
269Kb / 5P
PrimeLock® Straight Adapter, PureBond® Pipe, “SpaceSaver”
PT-4K4K4V-3 ENTEGRIS-PT-4K4K4V-3 Datasheet
359Kb / 6P
PrimeLock® Tee Adapter, SpaceSaver Leg 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com