Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6001 Datasheet (PDF) - Analogix Semiconductor, Inc.

SP6001 Datasheet PDF - Analogix Semiconductor, Inc.
Part # SP6001
Download  SP6001 Download
File Size   383.78 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort®-4K HDMI™ Adapter

SP6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6001 Datasheet PDF - Analogix Semiconductor, Inc.

Part # SP6001
Download  SP6001 Click to download

File Size   383.78 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort®-4K HDMI™ Adapter

SP6001 Datasheet (HTML) - Analogix Semiconductor, Inc.


SP6001 Product details

Features
* Video output
- HDMI 1.4 female connection to TV
- Supports resolutions up to 3840*2160@30Hz, 24bpp
- HDCP 1.4 content protection
- Audio support to HDMI monitors (up to 7.1 channels)
* Standards compliance
- SlimPort certified
- VESA MyDP 1.0 compliant
- HDMI 1.4 compliant
- FCC Part 15 Class B EMI compliant
- CE certified
- RoHS II compliant
- Halogen free
* Electrical requirements
- Optional 5V/1.5A (±10%) fast charging
- ± 8kV ESD contact
- ± 4kV ESD air
* Other features
- 400k hours MTBF
- 1 year guarantee
- 0 to +40°C operating temperature
- -10 to +70°C storage temperature
- 5 to 95% relative humidity
- 0.05Kg
- Plug-and-play functionality
* Physical specifications
- HDMI molding: 5.0cm * 2.5cm * 1.0cm
- Micro-USB molding: 1.8cm * 1.0cm * 0.6cm
- Color CMYK: black - 10:10:10:100, orange - 0:80:90:00
- Length: 15.6cm
* Package
- Gift box with foam pouch
- 7cm*10.5cm




Similar Part No. - SP6001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP6001 LITTELFUSE-SP6001 Datasheet
1Mb / 7P
12pF EMI Filter Array with ESD Protection
logo
Analogix Semiconductor,...
SP6001 ANALOGIX-SP6001 Datasheet
251Kb / 2P
SlimPort® USB-C™ to HDMI® Adapter
March 2017
SP6001 ANALOGIX-SP6001 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
logo
Littelfuse
SP6001-04UTG-1 LITTELFUSE-SP6001-04UTG-1 Datasheet
477Kb / 8P
SP6001 Lead-Free/Green Series
SP6001-06UTG-1 LITTELFUSE-SP6001-06UTG-1 Datasheet
477Kb / 8P
SP6001 Lead-Free/Green Series
More results


Similar Description - SP6001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
U444-06N-HD4K6W TRIPPLITE-U444-06N-HD4K6W Datasheet
163Kb / 3P
USB-C 3.1 to HDMI 4K Adapter, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P136-06N-HDV4K6 TRIPPLITE-P136-06N-HDV4K6 Datasheet
168Kb / 3P
DisplayPort 1.2 to VGA/DVI/HDMI All-in-One Converter Adapter, 4K x 2K HDMI @ 60 Hz
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P142-000-UP TRIPPLITE-P142-000-UP Datasheet
167Kb / 2P
HDMI Right Angle Up Adapter / Coupler (M/F), 4K @ 60Hz
logo
IOGEAR
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com