Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7101 Datasheet (PDF) - Analogix Semiconductor, Inc.

SP7101 Datasheet PDF - Analogix Semiconductor, Inc.
Part # SP7101
Download  SP7101 Download
File Size   251.07 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® USB-C™ to HDMI® Adapter

SP7101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP7101 Datasheet PDF - Analogix Semiconductor, Inc.

Part # SP7101
Download  SP7101 Click to download

File Size   251.07 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® USB-C™ to HDMI® Adapter

SP7101 Datasheet (HTML) - Analogix Semiconductor, Inc.


SP7101 Product details

Features
 Video output
- HDMI 1.4b female connection to TV
- Supports resolutions up to 3840*2160@30Hz, 24bpp
- HDCP 1.4 and 2.2 pass-through content protection
- Audio support to HDMI monitors
 Standards compliance
- SlimPort certified
- HDMI 1.4b compliant
- FCC Part 15 Class B EMI compliant
- CE certified
- RoHS II compliant
 Connection
- Reversible USB-C connection
 Other features
- 1 year guarantee
- 36 g
- Plug-and-play functionality
 Physical specifications
- HDMI molding: 5.0cm * 3.2cm * 1.0cm
- USB-C molding: 2.5cm * 1.1cm * 0.5cm
- Color: black with silver trimming
- Length: 17.8cm
 Package
- Gift Box with bubble bag
- 3.6cm*21.5cm*1.5cm




Similar Part No. - SP7101

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP710308-1 DBUNLIMITED-SP710308-1 Datasheet
551Kb / 1P
Released from Engineering
More results


Similar Description - SP7101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_12 Datasheet
1Mb / 45P
High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Western Digital Corpora...
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Switchcraft, Inc.
RAHPCUC31AU1TR SWITCH-RAHPCUC31AU1TR Datasheet
296Kb / 2P
RIGHT ANGLE SMT USB TYPE-C® 3.1, RoHS
Rev. A
RAHPCUC31AUTR SWITCH-RAHPCUC31AUTR Datasheet
307Kb / 2P
RIGHT ANGLE SMT USB TYPE-C® 3.1, RoHS
Rev. A
RAHUC31AU1TR SWITCH-RAHUC31AU1TR Datasheet
256Kb / 2P
RIGHT ANGLE SMT USB TYPE-C® 3.1, RoHS
Rev. A
RAHUC31AUTR SWITCH-RAHUC31AUTR Datasheet
325Kb / 2P
RIGHT ANGLE USB TYPE-C® 3.1, RoHS
Rev. A
logo
Advantech Co., Ltd.
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
logo
Entegris, Inc
PE-4K8P-3 ENTEGRIS-PE-4K8P-3 Datasheet
251Kb / 6P
PrimeLock® Elbow Adapter, PureBond® Pipe
PS-4V4P-3 ENTEGRIS-PS-4V4P-3 Datasheet
269Kb / 5P
PrimeLock® Straight Adapter, PureBond® Pipe, “SpaceSaver”
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com