Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1004 Datasheet (PDF) - Analogix Semiconductor, Inc.

SP1004 Datasheet PDF - Analogix Semiconductor, Inc.
Part # SP1004
Download  SP1004 Download
File Size   404.85 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® NANO●CONSOLE™

SP1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1004 Datasheet PDF - Analogix Semiconductor, Inc.

Part # SP1004
Download  SP1004 Click to download

File Size   404.85 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® NANO●CONSOLE™

SP1004 Datasheet (HTML) - Analogix Semiconductor, Inc.


SP1004 Product details

Features
* Tower
- Pigtail cable
● SlimPort Micro-USB connection supports charging and video-out for SlimPort-enabled devices up to 4K Ultra HD (2160p)
- Micro-USB charging port
● 5V inputs, up to 1.5A if device supports Battery Charge Specification 1.2 (BC1.2)
- HDMI (female) Video-In port
● Up to 4K Ultra HD (2160p)
- HDMI (female) Video-Out port
● Supports resolution up to 4K@30Hz
● HDCP 1.4 content protection
● HDMI audio support for up to 7.1 channels
* NANO Remote
- Touchpad using HID mouse interface
- Up/Down volume controls
- Bluetooth Smart (Bluetooth Low-Energy) wireless transmission
* Standards compliance
- SlimPort certified
- VESA MyDP 1.0 compliant
- HDMI 1.4 compliant
- FCC Part 15 Class B EMI compliant
- CE certified
- RoHS II compliant
- KCC certified
* Other features
- ± 8kV HBM-ESD
- 1 year guarantee
- 0 to +40°C operating temperature
- -10 to +70°C storage temperature
- 5 to 95% relative humidity
- Plug-and-play functionality
* Physical specifications
- Size
● Tower: 61mm x 61mm x 45mm
● Base: 121m x 121mm x 18mm
● NANO Remote: 61mm x 61mm x 10.5mm
● Pigtail length: 30cm
- Weight
● Tower: 76g
● Base: 52g
● NANO Remote: 36g
- Color
● Pantone: (Red) PMS 1788C, (Grey) PMS Cool Grey 3C
* Package includes
- Tower
- Base
- NANO Remote, batteries and battery tray (inside remote)
- HDMI cable
- Micro-USB charging cable
- User Manual in English, Chinese & Korean
- Gift box: 220m*167mm*20cm




Similar Part No. - SP1004

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
5pF Bidirectional TVS Array for ESD Protection
SP1004 LITTELFUSE-SP1004 Datasheet
245Kb / 4P
SP1004 Series 5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
logo
Analogix Semiconductor,...
SP1004 ANALOGIX-SP1004 Datasheet
477Kb / 2P
SlimPort®to HDMI® Adapter
August 2014
SP1004 ANALOGIX-SP1004 Datasheet
1,021Kb / 2P
SlimPort®to HDMI® and VGA Adapter
August 2014
More results


Similar Description - SP1004

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIR-020N ADVANTECH-AIR-020N Datasheet
1Mb / 3P
AI Inference System Based on NVIDIA® Jetson™ Nano
19-Aug-2022
MIC-710AIL-DVA1 ADVANTECH-MIC-710AIL-DVA1 Datasheet
879Kb / 2P
NVIDIA® Jetson Nano™ Developer Kit
21-Jun-2022
MIC-711D-ON ADVANTECH-MIC-711D-ON Datasheet
780Kb / 2P
NVIDIA® Jetson Orin™ Nano Developer Kit
23-Dec-2022
logo
AAEON Technology
BOXER-8224AI AAEON-BOXER-8224AI Datasheet
764Kb / 2P
AI@Edge Embedded System with NVIDIA® Jetson Nano™
2023/03/24
logo
Advantech Co., Ltd.
MIC-710AIL-DVA ADVANTECH-MIC-710AIL-DVA Datasheet
1Mb / 2P
AI Developer Kit Based on NVIDIA® Jetson Nano™
17-May-2023
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com