Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC46-SMD Datasheet (PDF) - SYC Electronica

93LC46-SMD Datasheet PDF - SYC Electronica
Part # 93LC46-SMD
Download  93LC46-SMD Download
File Size   422.1 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 1K Microwire Compatible Serial EEPROM

93LC46-SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC46-SMD Datasheet PDF - SYC Electronica

Part # 93LC46-SMD
Download  93LC46-SMD Click to download

File Size   422.1 Kbytes
Page   20 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 1K Microwire Compatible Serial EEPROM

93LC46-SMD Datasheet (HTML) - SYC Electronica


93LC46-SMD Product details

Features:
• Low-power CMOS technology
• ORG pin to select word size for ‘46C’ version
• 128 x 8-bit organization ‘A’ version devices
(no ORG)
• 64 x 16-bit organization ‘B’ version devices
(no ORG)
• Self-timed erase/write cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power-on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (Ready/Busy)
• Sequential read function
• 1,000,000 E/W cycles
• Data retention > 200 years

Description:
The Microchip Technology Inc. 93XX46A/B/C devices
are 1K bit low-voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93AA46C, 93LC46C or 93C46C are dependent
upon external logic levels driving the ORG pin to set
word size. For dedicated 8-bit communication, the
93AA46A, 93LC46A or 93C46A devices are available,
while the 93AA46B, 93LC46B and 93C46B devices
provide dedicated 16-bit communication. Advanced
CMOS technology makes these devices ideal for low
power, nonvolatile memory applications. The entire
93XX Series is available in standard packages including
8-lead PDIP and SOIC, and advanced packaging
including 8-lead MSOP, 6-lead SOT-23, 8-lead 2x3
DFN and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish
is also available.




Similar Part No. - 93LC46-SMD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46-SM MICROCHIP-93LC46-SM Datasheet
222Kb / 12P
1K/2K/4K 2.0V Microwire Serial EEPROM
2004
More results


Similar Description - 93LC46-SMD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
1K 2.5V Microwire Serial EEPROM
2000 - 2001
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
93AA46A MICROCHIP-93AA46A_11 Datasheet
915Kb / 36P
1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com