Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC46 Datasheet (PDF) - SYC Electronica

93LC46 Datasheet PDF - SYC Electronica
Part # 93LC46
Download  93LC46 Download
File Size   217.34 Kbytes
Page   14 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 1K/2K/4K 2.5V Microwire Serial EEPROM

93LC46 Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC46 Datasheet PDF - SYC Electronica

Part # 93LC46
Download  93LC46 Click to download

File Size   217.34 Kbytes
Page   14 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 1K/2K/4K 2.5V Microwire Serial EEPROM

93LC46 Datasheet (HTML) - SYC Electronica


93LC46 Product details

Features:
• Single supply with programming operation down
to 2.5V
• Low-power CMOS technology
• 100μA typical active read current at 2.5V
• 3μA typical standby current at 2.5V
• ORG pin selectable memory configuration
• 128 x 8- or 64 x 16-bit organization (93LC46)
• 256 x 8- or 128 x 16-bit organization (93LC56)
• 512 x 8 or 256 x 16 bit organization (93LC66)
• Self-timed erase and write cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device status signal during erase/write cycles
• Sequential read function
• 1,000,000 E/W cycles ensured
• Data retention > 200 years
• 8-pin PDIP/SOIC
(SOIC in JEDEC standards)

Description:
The Microchip Technology Inc. 93LC46/56/66 are 1K,
2K and 4K low voltage serial Electrically Erasable
PROMs (EEPROM). The device memory is configured
as x8 or x16 bits depending on the external logic of
levels of the ORG pin. Advanced CMOS technology
makes these devices ideal for low power nonvolatile
memory applications. The 93LC Series is available in
standard 8-pin PDIP and surface mount SOIC
packages. The rotated pin-out 93LC46X/56X/66X are
offered in the “SN” package only.




Similar Part No. - 93LC46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
1K/2K/4K 2.0V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
More results


Similar Description - 93LC46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_12 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com