Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC66 Datasheet (PDF) - SYC Electronica

93LC66 Datasheet PDF - SYC Electronica
Part # 93LC66
Download  93LC66 Download
File Size   571.18 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 4K Microwire Compatible Serial EEPROM

93LC66 Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC66 Datasheet PDF - SYC Electronica

Part # 93LC66
Download  93LC66 Click to download

File Size   571.18 Kbytes
Page   22 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 4K Microwire Compatible Serial EEPROM

93LC66 Datasheet (HTML) - SYC Electronica


93LC66 Product details

Features:
• Low-Power CMOS Technology
• ORG Pin to Select Word Size for ‘66C’ Version
• 512 x 8-bit Organization ‘A’ Devices (no ORG)
• 256 x 16-bit organization ‘B’ Devices (no ORG)
• Self-tImed Erase/Write Cycles (including
Auto-Erase)
• Automatic Erase All (ERAL) Before Write All
(WRAL)
• Power-On/Off Data Protection Circuitry
• Industry Standard 3-Wire Serial I/O
• Device Status Signal (Ready/Busy)
• Sequential Read Function
• 1,000,000 Erase/Write Cycles
• Data Retention > 200 Years
• Pb-free and RoHS Compliant

Description:
The Microchip Technology Inc. 93XX66A/B/C devices
are 4Kbit low-voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93AA66C, 93LC66C or 93C66C are dependent
upon external logic levels driving the ORG pin to set
word size. For dedicated 8-bit communication, the
93XX66A devices are available, while the 93XX66B
devices provide dedicated 16-bit communication.
Advanced CMOS technology makes these devices
ideal for low-power, nonvolatile memory applications.
The entire 93XX Series is available in standard
packages including 8-lead PDIP and SOIC, and
advanced packaging including 8-lead MSOP, 6-lead
SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. All
packages are Pb-free (Matte Tin) finish.




Similar Part No. - 93LC66

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
222Kb / 12P
1K/2K/4K 2.0V Microwire Serial EEPROM
2004
93LC66 MICROCHIP-93LC66 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC66 MICROCHIP-93LC66 Datasheet
103Kb / 22P
Lowpower 3-wire non-volatile memories
1994 - 2002
93LC66 MICROCHIP-93LC66 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC66 MICROCHIP-93LC66 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results


Similar Description - 93LC66

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
4K 2.5V Microwire Serial EEPROM
1998 - 2000
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93AA66A MICROCHIP-93AA66A Datasheet
405Kb / 24P
4K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com