Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8155 Datasheet (PDF) - Belden Inc.

8155 Datasheet PDF - Belden Inc.
Part # 8155
Download  8155 Download
File Size   369.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 7/8" Power Single-Ended Cordset: Female, angled, 3-pin(2PE), orange body, 230 V AC/DC, 12 A; PVC orange cable, 0.75 mm²

8155 Datasheet (PDF)

Go To PDF Page Download Datasheet
8155 Datasheet PDF - Belden Inc.

Part # 8155
Download  8155 Click to download

File Size   369.17 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 7/8" Power Single-Ended Cordset: Female, angled, 3-pin(2PE), orange body, 230 V AC/DC, 12 A; PVC orange cable, 0.75 mm²

8155 Datasheet (HTML) - Belden Inc.


8155 Product details

Product Description
7/8" Power Single-Ended Cordset: Female, angled, 3-pin(2+PE), orange body, 230 V AC/DC, 12 A; PVC orange cable, 0.75 mm²




Similar Part No. - 8155

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
8155 AMD-8155 Datasheet
650Kb / 14P
2048-Bit Static MOS RAM with I/O Ports and Timer
logo
Filtran LTD
8155 FILTRAN-8155 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
Belden Inc.
8155 BELDEN-8155 Datasheet
157Kb / 2P
RS232/485 Low Cap, #28-25pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8155060100 BELDEN-8155060100 Datasheet
157Kb / 2P
RS232/485 Low Cap, #28-25pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
81550601000 BELDEN-81550601000 Datasheet
157Kb / 2P
RS232/485 Low Cap, #28-25pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
More results


Similar Description - 8155

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVR13M05L SCHNEIDER-XVR13M05L Datasheet
158Kb / 4P
Harmony XVR, Rotating beacon, 횠130, orange, without buzzer, 230 V AC
May 24, 2021
XVR12J05S SCHNEIDER-XVR12J05S Datasheet
140Kb / 4P
Rotating beacon, 120 mm, orange, with buzzer 50??0 dB, 12 V AC DC
May 24, 2021
XVR12J05 SCHNEIDER-XVR12J05 Datasheet
139Kb / 4P
Prewired rotating mirror beacon, Harmony XVR 120 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
XVR10J05 SCHNEIDER-XVR10J05 Datasheet
149Kb / 4P
Rotating beacon, 106 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
XVR08J05 SCHNEIDER-XVR08J05 Datasheet
136Kb / 4P
Prewired rotating mirror beacon, Harmony XVR, 84 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
ZB4BVJ5 SCHNEIDER-ZB4BVJ5 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 12 V AC/DC
Oct 25, 2021
ZB4BVM5 SCHNEIDER-ZB4BVM5 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 230??40 V AC
Oct 25, 2021
ZB4BW0B53 SCHNEIDER-ZB4BW0B53 Datasheet
214Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 24 V AC/DC, 2 NO
Oct 25, 2021
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com