Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60706 Datasheet (PDF) - Belden Inc.

60706 Datasheet PDF - Belden Inc.
Part # 60706
Download  60706 Download
File Size   472.39 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Single-Ended Cordset: Female, angled, 19-pin, black body, 120 V AC/DC, 16x8 A 3x10 A; PUR black cable, 16x0.5 mm² 3x1.0 mm²

60706 Datasheet (PDF)

Go To PDF Page Download Datasheet
60706 Datasheet PDF - Belden Inc.

Part # 60706
Download  60706 Click to download

File Size   472.39 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Single-Ended Cordset: Female, angled, 19-pin, black body, 120 V AC/DC, 16x8 A 3x10 A; PUR black cable, 16x0.5 mm² 3x1.0 mm²

60706 Datasheet (HTML) - Belden Inc.


60706 Product details

Product Description
M23 Power Single-Ended Cordset: Female, angled, 19-pin, black body, 120 V AC/DC, 16x8 A + 3x10 A; PUR black cable, 16x0.5 mm² + 3x1.0 mm²




Similar Part No. - 60706

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
6070615 MOLEX11-6070615 Datasheet
23Kb / 1P
Conductor Punch
6070618 MOLEX11-6070618 Datasheet
23Kb / 1P
Insulation Punch
6070619 MOLEX11-6070619 Datasheet
20Kb / 1P
Anvil
6070621 MOLEX11-6070621 Datasheet
23Kb / 1P
Insulation Punch
6070622 MOLEX11-6070622 Datasheet
20Kb / 1P
Anvil
More results


Similar Description - 60706

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300610119 MOLEX11-1300610119 Datasheet
28Kb / 1P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female
logo
Schneider Electric
XZCC23FCM190S SCHNEIDER-XZCC23FCM190S Datasheet
101Kb / 3P
female, M23, 19-pin, elbowed connector - cable gland Pg 13.5
Dec 7, 2020
XZCC23FDM190S SCHNEIDER-XZCC23FDM190S Datasheet
84Kb / 4P
female, M23, 19-pin, straight connector - cable gland Pg 13.5
Jan 7, 2021
logo
Molex Electronics Ltd.
1200945027 MOLEX-1200945027 Datasheet
24Kb / 1P
Brad M23 Single-Ended Cordset, 19 Poles, Female (90째) to Pigtail, 18/22 AWG
1300080316 MOLEX-1300080316 Datasheet
45Kb / 1P
Mini-Change C-Size Single-Ended Cordset, 19 Poles, Female (90°) to Pigtail, 18 and 22 AWG, Black PUR Cable, 10.0m (32.81) Length
03/24/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
logo
Wurth Elektronik GmbH &...
690368171072 WURTH-690368171072 Datasheet
352Kb / 7P
WR-MM Female Angled Connector
002.000
690368171272 WURTH-690368171272 Datasheet
351Kb / 7P
WR-MM Female Angled Connector
002.000
690368171872 WURTH-690368171872 Datasheet
351Kb / 7P
WR-MM Female Angled Connector
002.000
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com