Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13286 Datasheet (PDF) - Belden Inc.

13286 Datasheet PDF - Belden Inc.
Part # 13286
Download  13286 Download
File Size   639.46 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Double-Ended Cordset: Male angled to female straight, 12-pin, black body, 120 V AC/DC, 8 A; PUR black cable, 8x0.5 mm² 3x1.0 mm²

13286 Datasheet (PDF)

Go To PDF Page Download Datasheet
13286 Datasheet PDF - Belden Inc.

Part # 13286
Download  13286 Click to download

File Size   639.46 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Double-Ended Cordset: Male angled to female straight, 12-pin, black body, 120 V AC/DC, 8 A; PUR black cable, 8x0.5 mm² 3x1.0 mm²

13286 Datasheet (HTML) - Belden Inc.


13286 Product details

Product Description
M23 Power Double-Ended Cordset: Male angled to female straight, 12-pin, black body, 120 V AC/DC, 8 A; PUR black cable, 8x0.5 mm² + 3x1.0 mm²




Similar Part No. - 13286

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13286 ETC-13286 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
logo
Heyco.
13286 HEYCO-13286 Datasheet
189Kb / 1P
Nytye® Push Mount Nylon Cable Ties
13286B HEYCO-13286B Datasheet
189Kb / 1P
Nytye® Push Mount Nylon Cable Ties
More results


Similar Description - 13286

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200805083 MOLEX-1200805083 Datasheet
28Kb / 2P
Ultra-Lock (M12) Double-Ended Cordset, 8 Poles, Female (Straight) to Male (Straight), PUR/PVC Cable, 1.0m (3.28) Length
11/15/2022
1200805088 MOLEX-1200805088 Datasheet
23Kb / 1P
Ultra-Lock (M12) Double-Ended Cordset, 12 Poles, Female (Straight) to Male (Straight), 0.14mm² PUR Cable, 1.0m (3.28) Length
09/23/2022
1200805089 MOLEX-1200805089 Datasheet
32Kb / 1P
Ultra-Lock (M12) Double-Ended Cordset, 12 Poles, Female (90°) to Male (Straight), 0.14mm² PUR Cable, 1.0m (3.28) Length
09/23/2022
1200805090 MOLEX-1200805090 Datasheet
40Kb / 2P
Ultra-Lock (M12) Double-Ended Cordset, 12 Poles, Female (Straight) to Male (90°), 0.14mm² PUR Cable, 1.0m (3.28) Length
09/23/2022
1200660580 MOLEX-1200660580 Datasheet
36Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 8 Poles, Male (Straight) to Female (Straight), 24 AWG, Black PUR/PVC Cable, 2.0m (6.56) Length
01/18/2023
1200660579 MOLEX-1200660579 Datasheet
36Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 8 Poles, Male (Straight) to Female (Straight), 24 AWG, Black PUR/PVC Cable, 1.0m (3.28) Length
02/01/2023
1200660583 MOLEX-1200660583 Datasheet
36Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 8 Poles, Male (Straight) to Female (Straight), 24 AWG, Black PUR/PVC Cable, 5.0m (16.40) Length
02/01/2023
1200665404 MOLEX-1200665404 Datasheet
43Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 12 Poles, Female (Straight) to Male (Straight), 26 AWG, PUR Cable, 1.0m (3.28) Length
02/13/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com