Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet (PDF) - SYC Electronica

ADC0804 Datasheet PDF - SYC Electronica
Part # ADC0804
Download  ADC0804 Download
File Size   1141.47 Kbytes
Page   41 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Bit μP Compatible A/D Converters

ADC0804 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC0804 Datasheet PDF - SYC Electronica

Part # ADC0804
Download  ADC0804 Click to download

File Size   1141.47 Kbytes
Page   41 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Bit μP Compatible A/D Converters

ADC0804 Datasheet (HTML) - SYC Electronica


ADC0804 Product details

General Description
The ADC0801, ADC0802, ADC0803, ADC0804 and
ADC0805 are CMOS 8-bit successive approximation A/D
converters that use a differential potentiometric
ladder—similar to the 256R products. These converters are
designed to allow operation with the NSC800 and INS8080A
derivative control bus with TRI-STATE output latches directly
driving the data bus. These A/Ds appear like memory locations
or I/O ports to the microprocessor and no interfacing
logic is needed.
Differential analog voltage inputs allow increasing the
common-mode rejection and offsetting the analog zero input
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.

Features
n Compatible with 8080 μP derivatives—no interfacing
logic needed - access time - 135 ns
n Easy interface to all microprocessors, or operates “stand
alone”
n Differential analog voltage inputs
n Logic inputs and outputs meet both MOS and TTL
voltage level specifications
n Works with 2.5V (LM336) voltage reference
n On-chip clock generator
n 0V to 5V analog input voltage range with single 5V
supply
n No zero adjust required
n 0.3" standard width 20-pin DIP package
n 20-pin molded chip carrier or small outline package
n Operates ratiometrically or with 5 VDC, 2.5 VDC, or
analog span adjusted voltage reference




Similar Part No. - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0804 INTERSIL-ADC0804 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
logo
NXP Semiconductors
ADC0804 PHILIPS-ADC0804 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
More results


Similar Description - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
8-Bit muP Compatible A/D Converters
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com