Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4AC05 Datasheet (PDF) - Texas Instruments

CDX4AC05 Datasheet PDF - Texas Instruments
Part # CDX4AC05
Download  CDX4AC05 Download
File Size   2070.85 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4AC05 Hex Inverters With Open-Drain Outputs

CDX4AC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDX4AC05 Datasheet PDF - Texas Instruments

Part # CDX4AC05
Download  CDX4AC05 Click to download

File Size   2070.85 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4AC05 Hex Inverters With Open-Drain Outputs

CDX4AC05 Datasheet (HTML) - Texas Instruments


CDX4AC05 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Description
The 'AC05 devices contain six independent inverters.
These devices perform the Boolean function Y = A.
The open-drain outputs require pullup resistors to
perform correctly, and can be connected to other
open-drain outputs to implement active-low wired-OR
or active-high wired-AND functions.




Similar Part No. - CDX4AC05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4AC05 TI2-CDX4AC05 Datasheet
1Mb / 31P
CDx4AC05 Hex Inverters With Open-Drain Outputs
REVISED NOVEMBER 2024
More results


Similar Description - CDX4AC05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Texas Instruments
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 1
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com