Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5148 Datasheet (PDF) - Texas Instruments

LM5148 Datasheet PDF - Texas Instruments
Part # LM5148
Download  LM5148 Download
File Size   6800.82 Kbytes
Page   74 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum

LM5148 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5148 Datasheet PDF - Texas Instruments

Part # LM5148
Download  LM5148 Click to download

File Size   6800.82 Kbytes
Page   74 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum

LM5148 Datasheet (HTML) - Texas Instruments


LM5148 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Integrated EMI mitigation
– Selectable dual random spread spectrum
(DRSS) feature for enhanced EMI performance
across low and high-frequency bands
– Optimized for CISPR 25 Class 5 requirements
• Versatile synchronous buck DC/DC controller
– Wide input voltage range of 3.5 V to 80 V
– 1% accurate, fixed 3.3 V, 5 V, 12 V, or
adjustable output from 0.8 V to 55 V
– 150°C maximum junction temperature
– Lossless DCR or shunt current sensing
– Shutdown mode current of 2.3 μA
– No-load sleep current of 9.5 μA
– Internal soft-start ramp of 3 ms
– Stackable up to two phases
– Internal bootstrap diode
• Switching frequency from 100 kHz to 2.2 MHz
– SYNC in and SYNC out capability
– Selectable PFM or FPWM modes
• Inherent protection features for robust design
– Internal hiccup mode overcurrent protection
– ENABLE and PGOOD functions
– VCC, VDDA, and gate-drive UVLO protection
– Internal or external loop compensation
– Thermal shutdown protection with hysteresis
• Create a custom design using the LM5148-Q1 with
WEBENCH® Power Designer

2 Applications
• Automotive electronic systems
• Advanced driver assistance systems (ADAS)
• Infotainment and clusters
• Body electronics

3 Description
The LM5148-Q1 is a 80-V, ultra-low IQ synchronous
buck DC/DC controller for high-current, single-output
applications. The controller uses a peak current-mode
control architecture for easy loop compensation,
fast transient response, and excellent load and line
regulation. The LM5148-Q1 can be set up in idualphase
mode (paralleled output) with accurate current
sharing for high-current applications. It can operate at
input voltages as low as 3.5 V, at nearly 100% duty
cycle if needed.
The LM5148-Q1 has a unique EMI reduction
feature known as dual random spread spectrum
(DRSS). Combining low-frequency triangular and
high-frequency random modulations mitigates EMI
disturbances across lower and higher frequency
bands, respectively. This hybrid technique aligns with
the multiple resolution bandwidth (RBW) settings
specified in industry-standard EMC tests.




Similar Part No. - LM5148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5148 TI-LM5148 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5148 TI-LM5148 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5148 TI2-LM5148 Datasheet
3Mb / 74P
LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
OCTOBER 2025
LM5148 TI2-LM5148 Datasheet
3Mb / 73P
LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
OCTOBER 2025
LM5148 TI2-LM5148 Datasheet
3Mb / 60P
LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
OCTOBER 2025
More results


Similar Description - LM5148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25149-Q1 TI-LM25149-Q1 Datasheet
3Mb / 51P
LM25149-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148-Q1 TI-LM25148-Q1 Datasheet
5Mb / 53P
LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM25148 TI-LM25148 Datasheet
5Mb / 64P
LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5149-Q1 TI-LM5149-Q1 Datasheet
5Mb / 70P
LM5149-Q1 80-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED OCTOBER 2022
LM5149-Q1 TI-LM5149-Q1_V01 Datasheet
5Mb / 70P
LM5149-Q1 80-V Automotive, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED DECEMBER 2022
LM25148-Q1 TI1-LM25148-Q1_V01 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
REVISED FEBRUARY 2023
LM5148-Q1 TI1-LM5148-Q1 Datasheet
5Mb / 67P
LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5149 TI1-LM5149 Datasheet
5Mb / 72P
LM5149 80-V, Synchronous, Buck, DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
REVISED JANUARY 2023
LM5148 TI-LM5148 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com