Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLA431 Datasheet (PDF) - Texas Instruments

TLA431 Datasheet PDF - Texas Instruments
Part # TLA431
Download  TLA431 Download
File Size   1250.48 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference

TLA431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLA431 Datasheet PDF - Texas Instruments

Part # TLA431
Download  TLA431 Click to download

File Size   1250.48 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference

TLA431 Datasheet (HTML) - Texas Instruments


TLA431 Product details

1 Features
• No output capacitor required
• Stable with all capacitive loads
• Reference voltage tolerance at 25°C
– 1% (A grade)
• Adjustable output voltage: Vref to 36V
• Operation from −40°C to 125°C
• Typical temperature drift (TLA43xA)
– 8mV (I temp)
– 11mV (Q temp)
• Low Output Noise
• 0.2Ω Typical output impedance
• Sink-current capability: 0.2mA to 100mA
• Pin-compatible with industry-standard TL431 and
TL432

2 Applications
• Rack server power
• Industrial AC/DC
• AC inverter & VF drives
• Servo drive control module
• Notebook PC power adapter design

3 Description
The TLA431 and TLA432 devices are three-terminal
adjustable shunt regulators that are stable with all
capacitor loads. The devices are pin compatible with
the industry standard TL431 and TL432 but with
improved stability to support all capacitor loads. The
output cathode voltage can be set to any value
between Vref (2.495V) and 36V, with two external
resistors. These devices have a typical output
impedance of 0.2Ω. Active output circuitry provides
a very sharp turn-on characteristic, making these
devices excellent replacements for Zener diodes
in many applications, such as onboard regulation,
adjustable power supplies, and switching power
supplies. The TLA431 also functions as a comparator
for undervoltage monitoring. The internal amplifier and
reference of the TLA431 is used an error amplifier
in isolated optocoupler flyback power supplies. The
TLA432 device has exactly the same functionality and
electrical specifications as the TLA431 device.
The TLA431 and TLA432 devices are specified in two
temperature grades, I and Q. In addition, the devices
offer good stability reference voltage over the entire
temperature range.




Similar Part No. - TLA431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLA431 TI1-TLA431 Datasheet
1Mb / 26P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
JULY 2024
TLA431 TI-TLA431 Datasheet
1Mb / 29P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
OCTOBER 2024
TLA431 TI2-TLA431 Datasheet
1Mb / 34P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
REVISED DECEMBER 2025
TLA431AIDBZR TI2-TLA431AIDBZR Datasheet
1Mb / 34P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
REVISED DECEMBER 2025
TLA431AIDBZR.A TI2-TLA431AIDBZR.A Datasheet
1Mb / 34P
TLA431, TLA432 All-Capacitor Stable Precision Programmable Reference
REVISED DECEMBER 2025
More results


Similar Description - TLA431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com