Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK40-02 Datasheet (PDF) - Belden Inc.

RK40-02 Datasheet PDF - Belden Inc.
Part # RK40-02
Download  RK40-02 Download
File Size   354.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 7/8" Power Single-Ended Cordset: Female, straight, 4-pin, orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²

RK40-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK40-02 Datasheet PDF - Belden Inc.

Part # RK40-02
Download  RK40-02 Click to download

File Size   354.98 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 7/8" Power Single-Ended Cordset: Female, straight, 4-pin, orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²

RK40-02 Datasheet (HTML) - Belden Inc.


RK40-02 Product details

Product Description
7/8" Power Single-Ended Cordset: Female, straight, 4-pin, orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²




Similar Part No. - RK40-02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RK40-637 BELDEN-RK40-637 Datasheet
332Kb / 2P
7/8" Power Single-Ended Cordset: Female, straight, 4-pin, yellow body, 300 V (UL), 5.6 A (UL); TPE yellow cable, 18 AWG
03-22-2023
More results


Similar Description - RK40-02

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300630089 MOLEX11-1300630089 Datasheet
29Kb / 1P
Quick-Change Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 10 AWG PVC Cable
logo
TT Electronics.
OVFSQ4C8 TTELEC-OVFSQ4C8 Datasheet
474Kb / 4P
4-Pin Red-Orange LED Lamp (7.6 mm)
logo
Schneider Electric
XVR13M05L SCHNEIDER-XVR13M05L Datasheet
158Kb / 4P
Harmony XVR, Rotating beacon, 횠130, orange, without buzzer, 230 V AC
May 24, 2021
XVR10J05 SCHNEIDER-XVR10J05 Datasheet
149Kb / 4P
Rotating beacon, 106 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
ZB4BVM5 SCHNEIDER-ZB4BVM5 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 230??40 V AC
Oct 25, 2021
logo
Molex Electronics Ltd.
1204000100 MOLEX-1204000100 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PVC Cable, 1.0m Length
11/23/2022
1204000101 MOLEX-1204000101 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PVC Cable, 2.0m Length
11/23/2022
1204000103 MOLEX-1204000103 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PVC Cable, 10.0m Length
11/23/2022
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com