Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXW403 Datasheet (PDF) - Rakon Limited

TMXW403 Datasheet PDF - Rakon Limited
Part # TMXW403
Download  TMXW403 Download
File Size   443.2 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | DVB-C - RF

TMXW403 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMXW403 Datasheet PDF - Rakon Limited

Part # TMXW403
Download  TMXW403 Click to download

File Size   443.2 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | DVB-C - RF

TMXW403 Datasheet (HTML) - Rakon Limited


TMXW403 Product details

Features
 1220 MHz center frequency
 Ceramic package for Surface Mounted Technology
 RF-SAW Filter for DVB – C
 8 MHz useable Passband
 200 Ω Balance Configuration

Applications
 Digital Video Broadcasting




Similar Part No. - TMXW403

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW403 TEMEX-TMXW403 Datasheet
289Kb / 3P
SAW Bandpass Filter - DVB-C
More results


Similar Description - TMXW403

ManufacturerPart #DatasheetDescription
logo
EPCOS
X6753M EPCOS-X6753M Datasheet
80Kb / 8P
SAW bandpass filter Bandpass filters for terrestrial TV applications
X6764D EPCOS-X6764D Datasheet
75Kb / 7P
SAW bandpass filter Bandpass filters for terrestrial TV applications
logo
TEMEX
TMXW405 TEMEX-TMXW405 Datasheet
327Kb / 3P
SAW Bandpass Filter - US DVB-C
TMXW403 TEMEX-TMXW403 Datasheet
289Kb / 3P
SAW Bandpass Filter - DVB-C
TMXW356 TEMEX-TMXW356 Datasheet
285Kb / 5P
SAW Bandpass Filter - LMR - RF
TMXW357 TEMEX-TMXW357 Datasheet
374Kb / 5P
SAW Bandpass Filter - LMR - RF
TMXAT15 TEMEX-TMXAT15 Datasheet
310Kb / 5P
SAW Bandpass Filter - Broadcast - RF
TMXAT01 TEMEX-TMXAT01 Datasheet
281Kb / 5P
SAW Bandpass Filter - DVB-C - RF
TMXTA02 TEMEX-TMXTA02 Datasheet
281Kb / 5P
SAW Bandpass Filter - DVB-C - RF
TMXTA03 TEMEX-TMXTA03 Datasheet
257Kb / 5P
SAW Bandpass Filter - DVB-C - RF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com