Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2092 Datasheet (PDF) - International Rectifier

IRS2092 Datasheet PDF - International Rectifier
Part # IRS2092
Download  IRS2092 Download
File Size   370.13 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PROTECTED DIGITAL AUDIO AMPLIFIER

IRS2092 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2092 Datasheet PDF - International Rectifier

Part # IRS2092
Download  IRS2092 Click to download

File Size   370.13 Kbytes
Page   18 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description PROTECTED DIGITAL AUDIO AMPLIFIER

IRS2092 Datasheet (HTML) - International Rectifier


IRS2092 Product details

Description
The IRS2092 is a high voltage, high performance Class D audio amplifier driver with PWM modulator and protection. In conjunction with two external MOSFET and a few external components, a complete Class D audio amplifier with protection can be realized.
International Rectifier’s proprietary noise isolation technology allows high current gate drive stage and high speed low noise error amplifier reside on a single small silicon die.
Open elements of PWM modulator section allow flexible PWM topology implementation.

Features
• Integrated analog input Class D audio amplifier
   driver in a small 16 pin package
• Floating inputs enable easy half bridge
   implementation
• Programmable bidirectional over-current
   protection with self-reset function
• Programmable preset deadtime for improved
   THD performances
• Start and stop click noise reduction
• High noise immunity
• ±100 V ratings deliver up to 500 W in output
   power
• Operates up to 800 kHz
• RoHS compliant

Typical Applications
• Home theater systems
• Mini component stereo systems
• Powered speaker systems
• General purpose audio power amplifiers




Similar Part No. - IRS2092

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2092 IRF-IRS2092 Datasheet
459Kb / 17P
PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
International Rectifier
IRS2092PBF IRF-IRS2092PBF Datasheet
414Kb / 18P
PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092PBF INFINEON-IRS2092PBF Datasheet
459Kb / 17P
PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
International Rectifier
IRS2092SPBF IRF-IRS2092SPBF Datasheet
414Kb / 18P
PROTECTED DIGITAL AUDIO AMPLIFIER
More results


Similar Description - IRS2092

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20954S IRF-IRS20954S Datasheet
585Kb / 25P
Protected Digital Audio Driver
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
International Rectifier
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
PROTECTED DIGITAL AUDIO DRIVER
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
PROTECTED DIGITAL AUDIO AMPLIFIER
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
Protected Digital Audio Driver
IRS2092 IRF-IRS2092_15 Datasheet
459Kb / 17P
PROTECTED DIGITAL AUDIO AMPLIFIER
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com