Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5508 Datasheet (PDF) - Analog Devices

LTC5508 Datasheet PDF - Analog Devices
Part # LTC5508
Download  LTC5508 Download
File Size   1553.96 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range

LTC5508 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5508 Datasheet PDF - Analog Devices

Part # LTC5508
Download  LTC5508 Click to download

File Size   1553.96 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range

LTC5508 Datasheet (HTML) - Analog Devices


LTC5508 Product details

FEATURES
n Frequency Range: 40MHz to 10GHz
n Linear Dynamic Range: Up to 57dB
n Accurate RMS Power Measurement of High Crest
Factor Modulated Waveforms
n Exceptional Accuracy Over Temperature: ±0.5dB (Typ)
n Low Linearity Error within Dynamic Range
n Single-Ended or Differential RF Inputs
n Fast Response Time: 90ns Rise Time
n Low Supply Current: 41.6mA at 3.3V (Typ)
n Small 3mm × 3mm DFN10
n AEC-Q100 Qualified for Automotive Applications
APPLICATIONS
n RMS Power Measurement
n PA Power Control
n Receive and Transmit Gain Control
n LTE, WiMAX, W-CDMA, CDMA2K, TD-SCDMA,
EDGE Basestations
n Point-to-Point Microwave Links
n RF Instrumentation




Similar Part No. - LTC5508

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5508 LINER-LTC5508 Datasheet
151Kb / 12P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5508 LINER-LTC5508 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5508 LINER-LTC5508 Datasheet
262Kb / 8P
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
More results


Similar Description - LTC5508

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com