Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-PTOOL4A Datasheet (PDF) - STMicroelectronics

STEVAL-PTOOL4A Datasheet PDF - STMicroelectronics
Part # STEVAL-PTOOL4A
Download  STEVAL-PTOOL4A Download
File Size   1271.18 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101

STEVAL-PTOOL4A Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-PTOOL4A Datasheet PDF - STMicroelectronics

Part # STEVAL-PTOOL4A
Download  STEVAL-PTOOL4A Click to download

File Size   1271.18 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101

STEVAL-PTOOL4A Datasheet (HTML) - STMicroelectronics


STEVAL-PTOOL4A Product details

Features
■ Input voltage from 12 to 28 V DC (Nominally 21 V)
■ Output RMS current up to 20A
■ The board comprises the following key devices:
■ STM32G473CET6: A high-performance Arm®-based Cortex®-M4 32-bit MCU+FPU in LQFP48 (7x7mm) package. The MCU embeds trigonometric and arithmetic math accelerators (CORDIC + FMAC), timers for motor control PWM and dead time generation
■ STDRIVE101: triple half-bridge gate driver in VFQFPN (4x4mm) with
■ inbuilt regulator
■ STL220N6F7: six N-channel 60 V, 0.0012 Ω typ., 120 A, STripFET F7 power MOSFET in a PowerFLAT 5x6 package
■ L6981NDR: 38 V, 1.5 A synchronous step-down converter in a
■ PowerSO-8 package
■ LDL112: 1.2 A low quiescent current LDO with reverse current protection
■ in a SO8-batwing package
■ TSV912IQ2T: dual rail to rail input/output 8MHz op amp
■ BAT54KFILM: 40 V, 300 mA small signal Schottky diodes (single)
■ BAT54SWFILM: 40 V, 300 mA small signal Schottky diodes (series)
■ 2STR2160: low voltage fast switching PNP power transistor
■ 2STR1160: low voltage fast switching NPN power transistor
■ 2STR21STPS0560Z: 60 V, 0.25 A power Schottky rectifier
■ ESDALC6V1-1U2: single line low capacitance transilTM for ESD protection is a precision 500 mA regulator
■ Hardware features enabling efficient motor control options
■ Independent ADCs for 3-phase current sensing through shunts
■ 3 ADC channels for back EMF sensing
■ Bus voltage sensing
■ Hardware over current protection through gate drive
■ Option for temperature sensing
■ Option for digital hall sensors or encoder inputs
■ Option for mounting heat sink Product summary Compact, customizable and configurable reference design for battery operated BLDC/ PMSM power tools based on STM32G473 and STDRIVE 101 STEVAL-PTOOL4A Mainstream Arm Cortex-M4 MCU 170 MHz with 512 Kbytes of Flash memory, Math Accelerator, High Analog level integration STM32G473CET6 Triple half-bridge gate driver STDRIVE101

Applications
■ Industrial motor control Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101 STEVAL-PTOOL4A Data brief DB5216 - Rev 1 - April 2024 For further information contact your local STMicroelectronics sales office.




Similar Part No. - STEVAL-PTOOL4A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
More results


Similar Description - STEVAL-PTOOL4A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
List of Unclassifed Man...
BITSYXB ETC2-BITSYXB Datasheet
815Kb / 2P
Compact and battery operated Comprehensive I/O on a single board
logo
STMicroelectronics
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
logo
TRINAMIC Motion Control...
TMC6100 TRINAMIC-TMC6100 Datasheet
1Mb / 41P
PMSM FOC drives and BLDC motors
logo
STMicroelectronics
EVALKIT-ROBOT-1 STMICROELECTRONICS-EVALKIT-ROBOT-1 Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
STEVAL-ASTRA1B STMICROELECTRONICS-STEVAL-ASTRA1B Datasheet
917Kb / 28P
Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
11-Mar-2022
EVLVIPGAN50PD STMICROELECTRONICS-EVLVIPGAN50PD Datasheet
2Mb / 9P
45 W QR USB PD adaptor reference design based on VIPERGAN50 and STUSB4761
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com