Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXAT04 Datasheet (PDF) - Rakon Limited

TMXAT04 Datasheet PDF - Rakon Limited
Part # TMXAT04
Download  TMXAT04 Download
File Size   400.87 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | Wireless Communications

TMXAT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMXAT04 Datasheet PDF - Rakon Limited

Part # TMXAT04
Download  TMXAT04 Click to download

File Size   400.87 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description SAW Bandpass Filters | Wireless Communications

TMXAT04 Datasheet (HTML) - Rakon Limited


TMXAT04 Product details

Features
 868.3 MHz center frequency
 Ceramic package for Surface Mounted Technology
 0.78 MHz useable Passband
 50 Ω Single Configuration with external matching network

Applications
 Remote control - RF
 Wireless applications:
o Home appliances
o Security systems




Similar Part No. - TMXAT04

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXAT01 TEMEX-TMXAT01 Datasheet
281Kb / 5P
SAW Bandpass Filter - DVB-C - RF
logo
Rakon Limited
TMXAT03 RAKON-TMXAT03 Datasheet
424Kb / 4P
SAW Bandpass Filters | DVB-C - RF
23 December 2022
logo
TEMEX
TMXAT06 TEMEX-TMXAT06 Datasheet
449Kb / 5P
SAW Bandpass Filter - Telecom - IF
More results


Similar Description - TMXAT04

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7775 EPCOS-B7775_1 Datasheet
59Kb / 7P
SAW Filters for Mobile Communications
B9429 EPCOS-B9429 Datasheet
79Kb / 9P
SAW filters for mobile communications
logo
TDK Electronics
B39192B9468P810 TDK-B39192B9468P810 Datasheet
92Kb / 8P
SAW filters for mobile communications
B39202B9815P810 TDK-B39202B9815P810 Datasheet
159Kb / 12P
SAW filters for mobile communications
B39232B8307P810 TDK-B39232B8307P810 Datasheet
109Kb / 8P
SAW filters for mobile communications
B39232B9490P810 TDK-B39232B9490P810 Datasheet
122Kb / 8P
SAW filters for mobile communications
B39162B9000C710S9 TDK-B39162B9000C710S9 Datasheet
44Kb / 4P
SAW Filters for Mobile Communications
B39202B4219U810 TDK-B39202B4219U810 Datasheet
130Kb / 12P
SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
66Kb / 2P
SAW Filters for Mobile Communications
May.28,2012
SAFEH881MFM0F00 MURATA1-SAFEH881MFM0F00 Datasheet
61Kb / 2P
SAW Filters for Mobile Communications
May.28,2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com