Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8901B Datasheet (PDF) - AUK corp

TMF8901B Datasheet PDF - AUK corp
Part # TMF8901B
Download  TMF8901B Download
File Size   221.12 Kbytes
Page   5 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Si RF LDMOS Transistor

TMF8901B Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF8901B Datasheet PDF - AUK corp

Part # TMF8901B
Download  TMF8901B Click to download

File Size   221.12 Kbytes
Page   5 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Si RF LDMOS Transistor

TMF8901B Datasheet (HTML) - AUK corp


TMF8901B Product details

□ Features
- Power gain
   GP = 12.4 dB at VDS = 4.5 V, IDset = 200 mA, f = 470 MHz
   GP = 14.7 dB at VDS = 6.0 V, IDset = 200 mA, f = 470 MHz
- Output power
   POUT = 32.4 dBm at VDS = 4.5 V, IDset = 200 mA, f = 470 MHz
   POUT = 34.7 dBm at VDS = 6.0 V, IDset = 200 mA, f = 470 MHz
- Drain efficiency
   ηD = 60 % (typ.)

□ Applications
- VHF and UHF wide band amplifier




Similar Part No. - TMF8901B

ManufacturerPart #DatasheetDescription
logo
AUK corp
TMF8901F AUK-TMF8901F Datasheet
267Kb / 5P
Si RF LDMOS Transistor
More results


Similar Description - TMF8901B

ManufacturerPart #DatasheetDescription
logo
AUK corp
TMF8901F AUK-TMF8901F Datasheet
267Kb / 5P
Si RF LDMOS Transistor
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com