Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1014420 Datasheet (PDF) - PHOENIX CONTACT

1014420 Datasheet PDF - PHOENIX CONTACT
Part # 1014420
Download  1014420 Download
File Size   623.39 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-BB18-I-PT-M - Contact insert

1014420 Datasheet (PDF)

Go To PDF Page Download Datasheet
1014420 Datasheet PDF - PHOENIX CONTACT

Part # 1014420
Download  1014420 Click to download

File Size   623.39 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-BB18-I-PT-M - Contact insert

1014420 Datasheet (HTML) - PHOENIX CONTACT


1014420 Product details

Contact insert, number of positions: 18+PE, size: B10, power contacts: 18, control contacts: 0,
number of connections per position: 1, Pin, Push-in connection, 500 V, 16 A, 0.5 mm2 ... 2.5
mm2, application: Power

Your advantages
• Easy installation without tools, even when mounted, with push-in connection technology
• Shortest installation time compared to other connection technologies
• Quick and effortless wiring, in particular when space is tight
• Automatic cabling with robots possible
• Safe wiring and operation with color-coded actuators
• Shock and vibration-resistant in accordance with DIN EN 61373
• Cost-effective and fast coding with plastic profiles
• High contact density




Similar Part No. - 1014420

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1014420000 WEIDMULLER-1014420000 Datasheet
857Kb / 9P
BLF 5.08HC/06/180LR SN OR BX
More results


Similar Description - 1014420

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407728 PHOENIX-1407728 Datasheet
93Kb / 4P
Contact insert - HC-B06-I-PT-M
1407732 PHOENIX-1407732 Datasheet
95Kb / 4P
Contact insert - HC-B16-I-PT-M
1407739 PHOENIX-1407739 Datasheet
87Kb / 5P
Contact insert - HC-HV03-I-PT-M
1584716 PHOENIX-1584716 Datasheet
91Kb / 4P
Contact insert - HC-BB18-I-CT-M
1584729 PHOENIX-1584729 Datasheet
91Kb / 4P
Contact insert - HC-BB18-I-CT-F
1585359 PHOENIX-1585359 Datasheet
89Kb / 4P
Contact insert - HC-A10-I-PT-M
1585375 PHOENIX-1585375 Datasheet
89Kb / 4P
Contact insert - HC-A16-I-PT-M
1014418 PHOENIX-1014418 Datasheet
152Kb / 9P
Contact insert - HC-BB10-I-PT-M
09/12/2020
1014424 PHOENIX-1014424 Datasheet
947Kb / 20P
Contact insert - HC-BB46-I-PT-M
Jul 29, 2022
1585252 PHOENIX-1585252 Datasheet
557Kb / 14P
Contact insert - HC-A03-I-PT-M
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com