Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATRD-R-0003T Datasheet (PDF) - Abracon Corporation

ATRD-R-0003T Datasheet PDF - Abracon Corporation
Part # ATRD-R-0003T
Download  ATRD-R-0003T Download
File Size   744.33 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Multi-layer Chip Triplexer

ATRD-R-0003T Datasheet (PDF)

Go To PDF Page Download Datasheet
ATRD-R-0003T Datasheet PDF - Abracon Corporation

Part # ATRD-R-0003T
Download  ATRD-R-0003T Click to download

File Size   744.33 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Multi-layer Chip Triplexer

ATRD-R-0003T Datasheet (HTML) - Abracon Corporation


ATRD-R-0003T Product details

Features
•LTCC diplexer supporting 1560 ~1606/2400~2500 / 4900~5950 MHz
•Small Form Factor 2.0 x 1.25 x 0.90 mm
•Low Insertion Loss 0.7 dB
•RoHS Compliant

Applications
•Dual-band Wi-Fi and GPS, GNSS
•Wi-Fi Speakers and Sound Bars
•Video Streaming and Network Cameras
•VR Head Mount Displays
•Car Infotainment Systems
•Broadband Gateways




Similar Part No. - ATRD-R-0003T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATRD-R-0004 ABRACON-ATRD-R-0004 Datasheet
724Kb / 11P
Multi-layer Chip Triplexer
02-19-24
ATRD-R-0004T ABRACON-ATRD-R-0004T Datasheet
724Kb / 11P
Multi-layer Chip Triplexer
02-19-24
More results


Similar Description - ATRD-R-0003T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTMCA9520 CT-CTMCA9520 Datasheet
310Kb / 3P
Multi-layer Chip Antennas
logo
Fair-Rite Products Corp...
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
MULTI-LAYER CHIP BEAD
2506030707H0 FAIR-RITE-2506030707H0 Datasheet
277Kb / 3P
MULTI-LAYER CHIP BEAD
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
290Kb / 3P
MULTI-LAYER CHIP BEAD
2508059007Y0 FAIR-RITE-2508059007Y0 Datasheet
294Kb / 3P
MULTI-LAYER CHIP BEAD
2512061527Y0 FAIR-RITE-2512061527Y0 Datasheet
301Kb / 3P
MULTI-LAYER CHIP BEAD
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com