Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2510R Datasheet (PDF) - Amphenol Wilcoxon Sensing Technologies.

REF2510R Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.
Part # REF2510R
Download  REF2510R Download
File Size   748.26 Kbytes
Page   15 Pages
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
Description ReferenceMate portable reference source

REF2510R Datasheet (PDF)

Go To PDF Page Download Datasheet
REF2510R Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.

Part # REF2510R
Download  REF2510R Click to download

File Size   748.26 Kbytes
Page   15 Pages
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
Description ReferenceMate portable reference source

REF2510R Datasheet (HTML) - Amphenol Wilcoxon Sensing Technologies.


REF2510R Product details

Description
The ReferenceMate portable vibration reference source enables users in the field to easily verify sensor performance and the integrity of the cabling between the sensor and read-out equipment, either online or portable units.
A built-in reference accelerometer assures that a 1 g test level is maintained for a unit under test (sensor and mounting hardware) weighing up to 250 grams.
Frequency of operation and measurement types (peak/RMS) are selected with front panel push buttons.
• 61.4 Hz for imperial measurements, where 1 g is equal to 1 inch per second (ips), ideal for use with velocity sensors
• 100 Hz to confirm accelerometer performance at the same reference frequency used by most manufacturers
• 159.2 for metric measurements, where 1 g is equal to 9.81 m/sec2 and 9.81 mm/sec.
A bottom-mounted D-ring belt clip is included for hands-free transport between locations when in the field. The belt clip can be removed and replaced with a 70 lbf pull force magnet (optional) for attachment to metal structures for hands-free operation.
LEDs notify the user when the battery condition falls below operational levels or if the unit is overloaded. Reference test points are provided to test and check calibration of the shaker’s internal accelerometer.

Applicable models
The manual covers the model REF2500 handheld shaker included in the REF2510 and REF2510R kits, and the use of applicable accessories, both standard and optional.




Similar Part No. - REF2510R

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
REF2510R WILCOXON-REF2510R Datasheet
470Kb / 2P
Portable reference source industrial monitoring kit
Rev.D.1 09/19
More results


Similar Description - REF2510R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
PRECISION VOLTAGE REFERENCE SOURCE
logo
Avic Technology
AV431LT1 AVICTEK-AV431LT1 Datasheet
208Kb / 4P
Adjustable Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Abracon Corporation
SYNC-10MHZ ABRACON-SYNC-10MHZ Datasheet
2Mb / 2P
Portable Precision Frequency Reference
10.02.11
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com