Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F342EPF Datasheet (PDF) - fujitsu semiconductor

MB90F342EPF Datasheet PDF - fujitsu semiconductor
Part # MB90F342EPF
Download  MB90F342EPF Download
File Size   1095.06 Kbytes
Page   84 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Microcontroller

MB90F342EPF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90F342EPF Datasheet PDF - fujitsu semiconductor

Part # MB90F342EPF
Download  MB90F342EPF Click to download

File Size   1095.06 Kbytes
Page   84 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Microcontroller

MB90F342EPF Datasheet (HTML) - fujitsu semiconductor


MB90F342EPF Product details

■ DESCRIPTION
The MB90340E series with up to 2 FULL-CAN interfaces is especially designed for automotive and other industrial applications. Its main feature are the on-board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach.
The power to the MCU core (3 V) is supplied by a built-in regulator circuit, giving these microcontrollers superior performance in terms of power consumption and tolerance to EMI.

■ FEATURES
• CPU
    • Instruction system best suited to controller
        - Wide choice of data types (bit, byte, word, and long word)
        - Wide choice of addressing modes (23 types)
        - Enhanced functionality with signed multiply and divide instructions and the RETI instruction
        - Enhanced high-precision computing with 32-bit accumulator
     • Instruction system compatible with high-level language (C language) and multitask
        - Employing system stack pointer
        - Various enhanced pointer indirect instructions
        - Barrel shift instructions
    • Increased processing speed
        - 4-byte instruction queue

• Serial interface
    • LIN-UART : 4 channels
        - Equipped with full-duplex double buffer
        - Clock-asynchronous or clock-synchronous serial transmission is available
    • I2C interface : 2 channels (only for devices with a C suffix in the part number)
        - Up to 400 kbps transfer rate

• Interrupt controller
    • Powerful 8-level, 34-condition interrupt feature
    • Up to 16 external interrupts are supported
    • Automatic data transfer function independent of CPU
        - Expanded intelligent I/O service function (EI2OS) : up to 16 channels

• I/O ports
    • General-purpose input/output port (CMOS output)
        - 80 ports (for devices without an S suffix in the part number - i.e. devices that support the sub clock)
        - 82 ports (for devices with an S suffix in the part number - i.e. devices that do not support the sub clock)
   
• 8/10-bit A/D converter
    • 16 channels (only for devices without a C suffix in the part number)
    • 24 channels (only for devices with a C suffix in the part number)
    • Resolution is selectable between 8-bit and 10-bit.
    • Activation by external trigger input is allowed.
    • Conversion time : 3 μs (at 24 MHz machine clock, including sampling time)

• Address match detection (program patch) function
    • Detects address matches against 6 address pointers

• Timer
    • Time-base timer, watch timer, watchdog timer : 1 channel
    • 8/16-bit PPG timer : 8-bit × 16 channels, or 16-bit × 8 channels
    • 16-bit reload timer : 4 channels
    • 16-bit input/output timer
        - 16-bit free-run timer : 2 channels
        (FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
        - 16-bit input capture: (ICU): 8 channels
        - 16-bit output compare: (OCU): 8 channels
(Continue ...)




Similar Part No. - MB90F342EPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90F342EPF FUJITSU-MB90F342EPF Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
MB90F342EPF FUJITSU-MB90F342EPF Datasheet
568Kb / 92P
16-bit Microcontroller
MB90F342EPFV FUJITSU-MB90F342EPFV Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Similar Description - MB90F342EPF

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com