Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC597LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC597LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC597LP4
Download  HMC597LP4 Download
File Size   259.69 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz

HMC597LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC597LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC597LP4
Download  HMC597LP4 Click to download

File Size   259.69 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz

HMC597LP4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC597LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4E HITTITE-HMC597LP4E Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
More results


Similar Description - HMC597LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com