Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS-022 Datasheet (PDF) - AG Electronica

TS-022 Datasheet PDF - AG Electronica
Part # TS-022
Download  TS-022 Download
File Size   277.54 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description INTERRUPTOR TÁCTIL SMD 12V/0.5A

TS-022 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS-022 Datasheet PDF - AG Electronica

Part # TS-022
Download  TS-022 Click to download

File Size   277.54 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description INTERRUPTOR TÁCTIL SMD 12V/0.5A

TS-022 Datasheet (HTML) - AG Electronica


TS-022 Product details

Descripción
Mini interruptor táctil con 4 pines de conexión, tiene configuración SPST (Single Pole Single Throw), donde pole se refiere al número de circuitos controlados por el interruptor y corte se refiere al numero de posiciones externas que puede adoptar el interruptor. El switch se solda superficialmente sobre placas de circuito impreso (PCB) por medio de cautín y soldadura.

Aplicaciones
 El interruptor botón se puede utilizar para la creación de circuitos electrónicos que requieran un interruptor para controlar el flujo de corriente y alimentar diferentes partes del circuito o elegir diferentes configuraciones de forma manual.




Similar Part No. - TS-022

ManufacturerPart #DatasheetDescription
logo
AG Electronica
TS-021 AGELECTRONICA-TS-021 Datasheet
318Kb / 2P
PUSH MINI SMD 2.5MM 2 PINES
05/04/2019
logo
Adam Technologies, Inc.
TS-027 ADAM-TECH-TS-027 Datasheet
58Kb / 1P
THUMB SCREW
TS-028 ADAM-TECH-TS-028 Datasheet
57Kb / 1P
THUMB SCREW
logo
AG Electronica
TS-028 AGELECTRONICA-TS-028 Datasheet
485Kb / 2P
PUSH MINI SMD 1.5MM 4 PINES
05/04/2019
TS-029 AGELECTRONICA-TS-029 Datasheet
289Kb / 2P
PUSH BUTTON SMD BOTÓN ALTO 12V/0.5A
06/05/2019
More results


Similar Description - TS-022

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
0.5A Bidirectional Thyristor
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
-5 to -12V 0.5A 3-Pin Voltage Regulators
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
RSS105N03 ROHM-RSS105N03 Datasheet
60Kb / 4P
Switching (30V, /-0.5A)
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
logo
Sanyo Semicon Device
SBS806M SANYO-SBS806M Datasheet
45Kb / 3P
30V, 0.5A Rectifier
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
Digitron Semiconductors
1N6513 DIGITRON-1N6513 Datasheet
143Kb / 2P
0.5A-2.0A RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com