Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7150 Datasheet (PDF) - ADDtek Corp

AMC7150 Datasheet PDF - ADDtek Corp
Part # AMC7150
Download  AMC7150 Download
File Size   336.55 Kbytes
Page   12 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 1.5A Power LED Driver

AMC7150 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7150 Datasheet PDF - ADDtek Corp

Part # AMC7150
Download  AMC7150 Click to download

File Size   336.55 Kbytes
Page   12 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 1.5A Power LED Driver

AMC7150 Datasheet (HTML) - ADDtek Corp


AMC7150 Product details

DESCRIPTION
AMC7150 is a PWM power LED driver IC. The driving current from few milliamps up to 1.5A. It allows high brightness power LED operating at high efficiency from 4Vdc to 40Vdc. Up to 200KHz external controlled operation frequency. External resistor controlled the maximum output current to single LED or a LED string.

FEATURES
■ Only 5 external components required.
■ Output driving current up to 1.5A.
■ 4V~40V wide operation voltage range.
■ High efficiency
■ ESD protection HBM 2KV
■ TO-252 5-pin power package.

APPLICATIONS
■ DC/DC LED driver
■ Automotive
■ Lighting




Similar Part No. - AMC7150

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150 Datasheet
105Kb / 7P
1.5A POWER LED DRIVER
JUNE 2006
AMC7150DL ADDTEK-AMC7150DL Datasheet
105Kb / 7P
1.5A POWER LED DRIVER
JUNE 2006
AMC7150DLF ADDTEK-AMC7150DLF Datasheet
105Kb / 7P
1.5A POWER LED DRIVER
JUNE 2006
AMC7150 ADDTEK-AMC7150_1 Datasheet
105Kb / 7P
1.5A POWER LED DRIVER
JUNE 2006
More results


Similar Description - AMC7150

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7150 ADDTEK-AMC7150_1 Datasheet
105Kb / 7P
1.5A POWER LED DRIVER
JUNE 2006
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 1
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
40V 1.5A BUCK LED DRIVER
Rev 3
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com