Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS716-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS716-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS716-Q
Download  BAS716-Q Download
File Size   182.58 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage diode

BAS716-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS716-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS716-Q
Download  BAS716-Q Click to download

File Size   182.58 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage diode

BAS716-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS716-Q Product details

1. General description
Epitaxial medium-speed switching diode with a low leakage current in an ultra small SOD523
(SC-79) SMD plastic package.

2. Features and benefits
• Plastic SMD package
• Low leakage current: typ. 0.2 nA
• Switching time: typ. 0.6 us
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low leakage current applications in surface mounted circuits.




Similar Part No. - BAS716-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS716 PHILIPS-BAS716 Datasheet
61Kb / 8P
Low-leakage diode
2003 Nov 07
BAS716 NXP-BAS716 Datasheet
76Kb / 9P
Low-leakage diode
2003 Nov 07
logo
Micro Commercial Compon...
BAS716 MCC-BAS716 Datasheet
328Kb / 3P
225mW 75Volt Switching Diode
logo
SHIKUES Electronics
BAS716 SKTECHNOLGY-BAS716 Datasheet
410Kb / 2P
High speed Switching Diode
logo
Nexperia B.V. All right...
BAS716 NEXPERIA-BAS716 Datasheet
186Kb / 9P
Low-leakage diode
2 October 2020
More results


Similar Description - BAS716-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Central Semiconductor C...
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS45A PHILIPS-BAS45A_15 Datasheet
122Kb / 8P
Low-leakage diode
1996 Mar 13
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com