Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC76386 Datasheet (PDF) - ADDtek Corp

AMC76386 Datasheet PDF - ADDtek Corp
Part # AMC76386
Download  AMC76386 Download
File Size   229.89 Kbytes
Page   8 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description Dual 450mA LDO REGULATOR

AMC76386 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC76386 Datasheet PDF - ADDtek Corp

Part # AMC76386
Download  AMC76386 Click to download

File Size   229.89 Kbytes
Page   8 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description Dual 450mA LDO REGULATOR

AMC76386 Datasheet (HTML) - ADDtek Corp




Similar Part No. - AMC76386

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-1.5 ADDTEK-AMC76381-1.5 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-1.8 ADDTEK-AMC76381-1.8 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-2.5 ADDTEK-AMC76381-2.5 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
AMC76381-3.3 ADDTEK-AMC76381-3.3 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
More results


Similar Description - AMC76386

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
Dual 500mA LDO Regulator
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
Dual 500mA LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
Dual, 600mA LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
Dual 2A LDO Regulator
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
Dual 150mA LDO Regulator
MIC5208 MICREL-MIC5208_02 Datasheet
54Kb / 8P
Dual 50mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com