Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

993A Datasheet (PDF) - Amphenol Wilcoxon Sensing Technologies.

993A Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.
Part # 993A
Download  993A Download
File Size   226.04 Kbytes
Page   1 Pages
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
Description General purpose triaxial accelerometer

993A Datasheet (PDF)

Go To PDF Page Download Datasheet
993A Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.

Part # 993A
Download  993A Click to download

File Size   226.04 Kbytes
Page   1 Pages
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
Description General purpose triaxial accelerometer

993A Datasheet (HTML) - Amphenol Wilcoxon Sensing Technologies.


993A Product details

Key features
• Triaxial measurements provide more data from a single sensor
• Manufactured in ISO 9001 facility




Similar Part No. - 993A

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
993A-5 WILCOXON-993A-5 Datasheet
232Kb / 1P
Triaxial accelerometer with integral cable
Rev.D.1 09/18
More results


Similar Description - 993A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
logo
Amphenol Corporation
786A AMPHENOL-786A Datasheet
253Kb / 1P
General purpose accelerometer
Rev.E.2 09/18
logo
Amphenol Wilcoxon Sensi...
787A WILCOXON-787A Datasheet
244Kb / 1P
General purpose accelerometer
Rev.H.2 09/18
797 WILCOXON-797 Datasheet
245Kb / 1P
General purpose accelerometer
Rev.E.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com