Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet (PDF) - Analog Devices

AD8313 Datasheet PDF - Analog Devices
Part # AD8313_V01
Download  AD8313 Download
File Size   1395.47 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller

AD8313 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8313 Datasheet PDF - Analog Devices

Part # AD8313_V01
Download  AD8313 Click to download

File Size   1395.47 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller

AD8313 Datasheet (HTML) - Analog Devices


AD8313 Product details

FEATURES
► Wide bandwidth: 0.1 GHz to 2.5 GHz min
► High dynamic range: 70 dB to ±3.0 dB
► High accuracy: ±1.0 dB over 65 dB range (@ 1.9 GHz)
► Fast response: 40 ns full-scale typical
► Controller mode with error output
► Scaling stable over supply and temperature
► Wide supply range: 2.7 V to 5.5 V
► Low power: 40 mW at 3 V
► Power-down feature: 60 mW at 3 V
► Complete and easy to use
APPLICATIONS
► RF transmitter power amplifier setpoint control and level monitoring
► Logarithmic amplifier for RSSI measurement cellular base stations,
radio link, radar




Similar Part No. - AD8313_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313-EVAL AD-AD8313-EVAL Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
AD8313-EVAL AD-AD8313-EVAL Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8313ARM AD-AD8313ARM Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
AD8313ARM AD-AD8313ARM Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8313ARM-REEL AD-AD8313ARM-REEL Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
More results


Similar Description - AD8313_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313 AD-AD8313 Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com