Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-RFP3102U Datasheet (PDF) - AG Electronica

GD-RFP3102U Datasheet PDF - AG Electronica
Part # GD-RFP3102U
Download  GD-RFP3102U Download
File Size   837.96 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description LÁMPARA DE DESINFECCIÓN LED GO-UVC 10W

GD-RFP3102U Datasheet (PDF)

Go To PDF Page Download Datasheet
GD-RFP3102U Datasheet PDF - AG Electronica

Part # GD-RFP3102U
Download  GD-RFP3102U Click to download

File Size   837.96 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description LÁMPARA DE DESINFECCIÓN LED GO-UVC 10W

GD-RFP3102U Datasheet (HTML) - AG Electronica


GD-RFP3102U Product details

Descripción:
Lámpara de desinfección LED GO-UVC 10 W
 Eficiente y portátil: índice antibacteriano 99.9%
 Seguridad: No Produce Ozono (cero ozono)
 Larga duración: Vida útil de la lámpara 4000 horas.
 Elimina olores, partículas de polvo y gérmenes que pueden causar alergias, asma y otras
enfermedades dañinas.
 Multifunción: Limpia y desinfecta el aire al matar bacterias, virus, allergan, moho, mejora efectivamente el entorno de la vida.




Similar Part No. - GD-RFP3102U

ManufacturerPart #DatasheetDescription
logo
AG Electronica
GD-RFP3202U AGELECTRONICA-GD-RFP3202U Datasheet
545Kb / 2P
LÁMPARA DE DESINFECCIÓN LED GO-UVC 20W
02/06/2020
GD-RFP3502U AGELECTRONICA-GD-RFP3502U Datasheet
270Kb / 2P
LÁMPARA DE DESINFECCIÓN LED GO-UVC 50W
04/06/2020
More results


Similar Description - GD-RFP3102U

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL860A GENESYS-GL860A Datasheet
998Kb / 42P
USB 2.0 UVC Camera Controller
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
TE Connectivity Ltd
SSL-10W TEC-SSL-10W Datasheet
606Kb / 2P
10W Triac Dimmable LED Driver
logo
Inolux Corporation
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
3535 UVC LED
logo
Luminus, Inc
XBT-3535-UV LUMINUS-XBT-3535-UV Datasheet
2Mb / 11P
Surface Mount UVC LED
XST-3535-UV LUMINUS-XST-3535-UV Datasheet
1Mb / 11P
Surface Mount UVC LED
logo
List of Unclassifed Man...
G135-ENV ETC-G135-ENV Datasheet
252Kb / 1P
GO/NO-GO GAGE ENVELOPE DRAWING
REV.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com