Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD6099-2ES Datasheet (PDF) - Infineon Technologies AG

TLD6099-2ES Datasheet PDF - Infineon Technologies AG
Part # TLD6099-2ES
Download  TLD6099-2ES Download
File Size   891.53 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TLD6099-2ES is a dual channel multi-topology DC-DC controller designed for LED applications with built-in protection features to implement a compact LED driver.

TLD6099-2ES Datasheet (PDF)

Go To PDF Page Download Datasheet
TLD6099-2ES Datasheet PDF - Infineon Technologies AG

Part # TLD6099-2ES
Download  TLD6099-2ES Click to download

File Size   891.53 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TLD6099-2ES is a dual channel multi-topology DC-DC controller designed for LED applications with built-in protection features to implement a compact LED driver.

TLD6099-2ES Datasheet (HTML) - Infineon Technologies AG


TLD6099-2ES Product details

Features
• Dual channel device
• Wide input voltage (up to 58 V) and output voltage range (up to 70 V)
• Switching frequency range from 100 kHz to 500 kHz and 2.2 MHz
• EMC optimized device
• Analog output adjustment (analog dimming)
• Overvoltage, Short to ground, open feedback and overtemperature diagnostic output
• NMOS gate driver for adaptive output discharge
• LED current accuracy ±3.5% (no analog dimming applied)




Similar Part No. - TLD6099-2ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
TLD60982ESXUMA2 INFINEON-TLD60982ESXUMA2 Datasheet
1Mb / 51P
LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
More results


Similar Description - TLD6099-2ES

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EV1320QI ENPIRION-EV1320QI Datasheet
1Mb / 20P
The EV1320QI is a DC to DC converter specifically designed for memory termination applications.
logo
International Rectifier
IR3230SPBF IRF-IR3230SPBF Datasheet
445Kb / 22P
The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
logo
Linear Technology
LT8709 LINER-LT8709_15 Datasheet
721Kb / 46P
Negative Input Synchronous Multi-Topology DC/DC Controller
logo
Toshiba Semiconductor
TB62771FTG TOSHIBA-TB62771FTG Datasheet
1Mb / 29P
Step-up DC/DC controller built in 4-channel sink driver for white LED
logo
International Rectifier
IRDC3651 IRF-IRDC3651 Datasheet
570Kb / 13P
The IR3651 is a high voltage PWM controller designed for high performance synchronous Buck DC/DC applications.
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
4-Channel 100mA LED Driver with DC-DC Controller
logo
Infineon Technologies A...
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
logo
STMicroelectronics
ALED6000 STMICROELECTRONICS-ALED6000 Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
logo
Rohm
BD82A16MUF-M ROHM-BD82A16MUF-M Datasheet
1Mb / 47P
6ch White LED Driver Built-in Current Driver BuckBoost DC/DC Converter for Automotive
05.Jul.2022 Rev.001
logo
STMicroelectronics
ALED7709 STMICROELECTRONICS-ALED7709 Datasheet
9Mb / 63P
Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
13-Feb-2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com