Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8007 Datasheet (PDF) - Dallas Semiconductor

DS8007 Datasheet PDF - Dallas Semiconductor
Part # DS8007
Download  DS8007 Download
File Size   350.85 Kbytes
Page   41 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Multiprotocol Dual Smart Card Interface

DS8007 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS8007 Datasheet PDF - Dallas Semiconductor

Part # DS8007
Download  DS8007 Click to download

File Size   350.85 Kbytes
Page   41 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Multiprotocol Dual Smart Card Interface

DS8007 Datasheet (HTML) - Dallas Semiconductor


DS8007 Product details

General Description
The DS8007 multiprotocol dual smart card interface is a low-cost, dual smart card reader interface supporting all ISO 7816, EMV™, and GSM11-11 requirements. Through its 8-bit parallel bus and dedicated address selects (AD3–AD0), the DS8007 can easily and directly connect to the nonmultiplexed byte-wide bus of a Maxim/Dallas secure microcontroller. Optionally, the parallel bus can be multiplexed to allow direct access to the multiplexed bus of an 80C51-compatible microcontroller through MOVX memory addressing.

Features
♦ Complete Interface/Control for Two Separate Smart Card Devices
♦ 8kV (min) ESD Protection on Card Interfaces
♦ Internal IC Card Supply Voltage Generation
    5.0V ±5%, 65mA (max)
    3.0V ±8%, 50mA (max)
    1.8V ±10%, 30mA (max)
♦ Automatic Card Activation, Deactivation, and Data Communication Controlled by Dedicated Internal Sequencer
♦ Host Interface Through an 8-Bit Parallel Bus (UserSelectable Multiplexed or Nonmultiplexed Modes)
♦ Chip Select and Tri-State Bus Allow Multiple Devices (Card Readers and Memories) on Bus
♦ 8-Character Receive FIFO with Optional Programmable Depth/Threshold
♦ I/O Interface Pin to External ISO 7816 UART
♦ Separate Card Clock Generation (Up to 10MHz) with 2x Frequency Doubling
♦ Selectable Card Clock STOP HIGH, STOP LOW, or Internally Generated 1.25MHz (for Card PowerDown)
♦ EMV-Certified Reference Design and Evaluation Kit Available (DS8007-KIT)

Applications
    Banking Applications (Point-of-Sale Terminals, Debit/Credit Payment Terminals, PIN Pads, Automated Teller Machines)
    Telecommunications
    Pay Television
    Access Control




Similar Part No. - DS8007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
DS8007-ENG MAXIM-DS8007-ENG Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
DS8007A-EAG+ MAXIM-DS8007A-EAG+ Datasheet
410Kb / 41P
Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
DS8007 MAXIM-DS8007_11 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
More results


Similar Description - DS8007

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
Double multiprotocol IC card interface
2000 Nov 09
TDA8008 PHILIPS-TDA8008 Datasheet
68Kb / 12P
Dual multiprotocol smart card coupler
1999 Dec 14
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
Dual smart card interface
2001 Aug 15
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
DS8007 MAXIM-DS8007_11 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
Dual Smart Card Interface IC
December, 2008 ??Rev. 1
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com