Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1809063 Datasheet (PDF) - PHOENIX CONTACT

1809063 Datasheet PDF - PHOENIX CONTACT
Part # 1809063
Download  1809063 Download
File Size   229.95 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/20-ST-5,08-LR - PCB connector

1809063 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809063 Datasheet PDF - PHOENIX CONTACT

Part # 1809063
Download  1809063 Click to download

File Size   229.95 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/20-ST-5,08-LR - PCB connector

1809063 Datasheet (HTML) - PHOENIX CONTACT


1809063 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
20, number of rows: 1, number of positions: 20, number of connections: 20, product range:
MSTB 2,5/..-ST-LR, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: COMBICON MSTB 2,5, locking: Lock-and-release locking system,
mounting: Lock & Release ejector lever, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Allows connection of two conductors




Similar Part No. - 1809063

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
180906 TEC-180906 Datasheet
70Kb / 1P
FASTIN-FASTON Connectors
Revised 7-95
logo
PHOENIX CONTACT
1809064 PHOENIX-1809064 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 4-STZ-5,08-R
More results


Similar Description - 1809063

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757190 PHOENIX-1757190 Datasheet
146Kb / 7P
MSTB 2,5/20-ST-5,08
1809021 PHOENIX-1809021 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/16-ST-5,08-LR
1808983 PHOENIX-1808983 Datasheet
111Kb / 7P
Printed-circuit board connector - MSTB 2,5/12-ST-5,08-LR
1809018 PHOENIX-1809018 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/15-ST-5,08-LR
1808886 PHOENIX-1808886 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08-LR
1808899 PHOENIX-1808899 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08-LR
1808967 PHOENIX-1808967 Datasheet
111Kb / 7P
Printed-circuit board connector - MSTB 2,5/10-ST-5,08-LR
1861771 PHOENIX-1861771 Datasheet
481Kb / 14P
PCB connector - FKCOR 2,5/10-ST-5,08-LR
Jan 10, 2023
1861836 PHOENIX-1861836 Datasheet
472Kb / 14P
FKCOR 2,5/16-ST-5,08-LR - PCB connector
1861878 PHOENIX-1861878 Datasheet
458Kb / 14P
FKCOR 2,5/20-ST-5,08-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com