Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT-305H Datasheet (PDF) - AG Electronica

UT-305H Datasheet PDF - AG Electronica
Part # UT-305H
Download  UT-305H Download
File Size   623.41 Kbytes
Page   5 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TERMOMETRO INFRARROJO TEMP 32 A 42.9 GRADOS C/ALARMA

UT-305H Datasheet (PDF)

Go To PDF Page Download Datasheet
UT-305H Datasheet PDF - AG Electronica

Part # UT-305H
Download  UT-305H Click to download

File Size   623.41 Kbytes
Page   5 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TERMOMETRO INFRARROJO TEMP 32 A 42.9 GRADOS C/ALARMA

UT-305H Datasheet (HTML) - AG Electronica


UT-305H Product details

Descripción.
El termómetro infrarrojo UT-305H es la versión mejorada del UT-305R ideal para determinar la temperatura con gran exactitud, midiendo la energía infrarroja irradiada por la superficie del objetivo. Es ideal para mediciones de temperatura sin contacto (Batería Incluida).
Cuenta con una alarma audible y visual detectora de fiebre ( >37.2°C )




Similar Part No. - UT-305H

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT-3 WILLOW-UT-3 Datasheet
408Kb / 2P
Silicone Coated Power Resistors
More results


Similar Description - UT-305H

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
244296 ERNI-244296 Datasheet
446Kb / 1P
FEDERLEISTE C 32
244297 ERNI-244297 Datasheet
452Kb / 1P
FEDERLEISTE C 32
244298 ERNI-244298 Datasheet
463Kb / 1P
FEDERLEISTE C 32
244299 ERNI-244299 Datasheet
465Kb / 1P
FEDERLEISTE C 32
284968 ERNI-284968 Datasheet
85Kb / 1P
FEDERLEISTE C 32
284971 ERNI-284971 Datasheet
97Kb / 1P
FEDERLEISTE C 32 EE
294698 ERNI-294698 Datasheet
71Kb / 1P
FEDERLEISTE C/2 32
100703210149 ERNI-100703210149 Datasheet
96Kb / 1P
Federleiste C 32 L철t
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
32-Channel Form A/Form C General Purpose Switch
logo
PHOENIX CONTACT
2261038 PHOENIX-2261038 Datasheet
126Kb / 5P
SKBI 32/C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com