Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS737 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS737 Datasheet PDF - Texas Instruments
Part # TPS737
Download  TPS737 Download
File Size   3292.8 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS737 1A Low-Dropout Regulator With Reverse Current Protection

TPS737 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS737 Datasheet PDF - Texas Instruments

Part # TPS737
Download  TPS737 Click to download

File Size   3292.8 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS737 1A Low-Dropout Regulator With Reverse Current Protection

TPS737 Datasheet (HTML) - Texas Instruments


TPS737 Product details

1 Features
• Stable with 1μF or larger ceramic output capacitor
• Input voltage range: 2.2V to 5.5V
• Ultra-low dropout voltage
– Legacy silicon: 130mV typical at 1A
– New silicon: 122mV typical at 1A
• Excellent load transient response—even with only
1μF output capacitor
• NMOS topology delivers low reverse leakage
current
• Initial accuracy: 1%
• Overall accuracy over line, load, and temperature
– Legacy silicon: 3%
– New silicon: 1.5%
• Less than 20nA typical IQ in shutdown mode
• Thermal shutdown and current limit for fault
protection
• Available in multiple output voltage versions:
– Adjustable output: 1.20V to 5.5V
– Custom outputs available using factory
package-level programming

2 Applications
• Point-of-load regulation for DSPs, FPGAs, ASICs,
and microprocessors
• Post-regulation for switching supplies
• Portable and battery-powered equipment

3 Description
The TPS737 linear low-dropout (LDO) voltage
regulator uses an NMOS pass transistor in a voltagefollower
configuration. This topology is relatively
insensitive to the output capacitor value and ESR,
allowing for a wide variety of load configurations. Load
transient response is excellent, even with a small 1μF
ceramic output capacitor. The NMOS topology also
allows for very low dropout.
The TPS737 uses an advanced BiCMOS process to
yield high precision while delivering very low dropout
voltages and low ground pin current. Devices that use
the latest manufacturing flow have an updated design
with new silicon on the latest TI process technology.
Current consumption, when not enabled, is less than
20nA and is designed for portable applications. This
device is protected by thermal shutdown and foldback
current limit.
For applications that require higher output voltage
accuracy, consider TI's TPS7A37 1% overall
accuracy, 1A low-dropout voltage regulator.




Similar Part No. - TPS737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS737 TI1-TPS737 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS737 TI1-TPS737 Datasheet
3Mb / 49P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
TPS737 TI1-TPS737 Datasheet
3Mb / 48P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
TPS737 TI1-TPS737 Datasheet
3Mb / 53P
TPS737 1A Low-Dropout Regulator With Reverse Current Protection
SEPTEMBER 2024
More results


Similar Description - TPS737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com