Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14628 Datasheet (PDF) - Microchip Technology

MCP14628 Datasheet PDF - Microchip Technology
Part # MCP14628
Download  MCP14628 Download
File Size   1203.53 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2A Synchronous Buck Power MOSFET Driver

MCP14628 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP14628 Datasheet PDF - Microchip Technology

Part # MCP14628
Download  MCP14628 Click to download

File Size   1203.53 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2A Synchronous Buck Power MOSFET Driver

MCP14628 Datasheet (HTML) - Microchip Technology


MCP14628 Product details

Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Dual Output MOSFET Driver for Synchronous
Applications
• High Peak Output Current: 2A (typical)
• Adaptive Cross Conduction Protection
• Internal Bootstrap Blocking Device
• +36V BOOT Pin Maximum Rating
• Enhanced Light Load Efficiency Mode
• Low Supply Current: 80 μA (typical)
• High Capacitive Load Drive Capability:
- 3300 pF in 10 ns (typical)
• Tri-State PWM Pin for Power Stage Shutdown
• Input Voltage Undervoltage Lockout Protection
• Space Saving Packages:
- 8-Lead SOIC
- 8-Lead 3x3 DFN
Applications
• Automotive
• High Efficient Synchronous DC/DC Buck
Converters
• High Current Low Output Voltage Synchronous
DC/DC Buck Converters
• High Input Voltage Synchronous DC/DC Buck
Converters
• Core Voltage Supplies for Microprocessors




Similar Part No. - MCP14628

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
2A Synchronous Buck Power MOSFET Driver
2008
MCP14628T MICROCHIP-MCP14628T Datasheet
435Kb / 24P
2A Synchronous Buck Power MOSFET Driver
2008
More results


Similar Description - MCP14628

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
2A Synchronous Buck Power MOSFET Driver
2008
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
Synchronous Buck MOSFET Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com