Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet (PDF) - Microchip Technology

MCP2120 Datasheet PDF - Microchip Technology
Part # MCP2120
Download  MCP2120 Download
File Size   1264.25 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Infrared Encoder/Decoder

MCP2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2120 Datasheet PDF - Microchip Technology

Part # MCP2120
Download  MCP2120 Click to download

File Size   1264.25 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Infrared Encoder/Decoder

MCP2120 Datasheet (HTML) - Microchip Technology


MCP2120 Product details

Features
• Pinout Compatible with HSDL-7000
• Compliant with IrDA® Standard Physical Layer
Specification (version 1.3)
• UART to IrDA Standard Encoder/Decoder
- Interfaces with IrDA Standard Compliant
Transceiver
• Baud Rates:
- Up to IrDA Standard 115.2 Kbaud Operation
• Transmit/Receive Formats (Bit Width) Supported:
- 1.63μs
• Low-Power Mode (2 μA at 1.8V, +125°C)
• Pb-Free Packaging
CMOS Technology
• Low-Voltage Operation
• Extended Temperature Range
• Low Power Consumption




Similar Part No. - MCP2120

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
DEVELOPER?셎 KIT USER?셎 GUIDE
2001
MCP2120 MICROCHIP-MCP2120 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2120 MICROCHIP-MCP2120 Datasheet
768Kb / 36P
Infrared Encoder/Decoder
2007
MCP2120 MICROCHIP-MCP2120 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
MCP2120 MICROCHIP-MCP2120 Datasheet
624Kb / 36P
Infrared Encoder/Decoder
12/08/06
More results


Similar Description - MCP2120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
PROGRAMMABLE ENCODER/DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Microchip Technology
MCP2122 MICROCHIP-MCP2122 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
Infrared Encoder/Decoder
2007
MCP2122 MICROCHIP-MCP2122_07 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Microchip Technology
MCP2120-ISL MICROCHIP-MCP2120-ISL Datasheet
774Kb / 36P
Infrared Encoder/Decoder
12/08/06
MCP2120-I MICROCHIP-MCP2120-I Datasheet
624Kb / 36P
Infrared Encoder/Decoder
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com