Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53647 Datasheet (PDF) - Belden Inc.

53647 Datasheet PDF - Belden Inc.
Part # 53647
Download  53647 Download
File Size   445.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Field Attachable Connector: Male, straight, 19-pin, silver housing, 50 V AC / 60 V DC

53647 Datasheet (PDF)

Go To PDF Page Download Datasheet
53647 Datasheet PDF - Belden Inc.

Part # 53647
Download  53647 Click to download

File Size   445.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Field Attachable Connector: Male, straight, 19-pin, silver housing, 50 V AC / 60 V DC

53647 Datasheet (HTML) - Belden Inc.


53647 Product details

Product Description
M23 Power Field Attachable Connector: Male, straight, 19-pin, silver housing, 50 V AC / 60 V DC




Similar Part No. - 53647

ManufacturerPart #DatasheetDescription
logo
MolexKits
53647-0274 MOLEXKITS-53647-0274 Datasheet
38Kb / 2P
SMT Header Plug and Receptacle
53647-0274 MOLEXKITS-53647-0274 Datasheet
47Kb / 6P
Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
logo
Molex Electronics Ltd.
53647-0274 MOLEX7-53647-0274 Datasheet
337Kb / 6P
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 20 Circuitswith Embossed Tape with Cover Packaging
53647-0374 MOLEX7-53647-0374 Datasheet
337Kb / 6P
0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 30 Circuitswith Embossed Tape with Cover Packaging
logo
MolexKits
53647-0474 MOLEXKITS-53647-0474 Datasheet
38Kb / 2P
SMT Header Plug and Receptacle
More results


Similar Description - 53647

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
212 ALPHAWIRE-212 Datasheet
199Kb / 2P
M8 Male 3 Pin Field Attachable
213 ALPHAWIRE-213 Datasheet
200Kb / 2P
M8 Male 4 Pin Field Attachable
215 ALPHAWIRE-215 Datasheet
179Kb / 2P
M8 Male 4 Pin Field Attachable
logo
Schneider Electric
XZCC23MDM190S SCHNEIDER-XZCC23MDM190S Datasheet
101Kb / 3P
male, M23, 19-pin, straight connector - cable gland Pg 13.5
Dec 7, 2020
logo
Pepperl+Fuchs Inc.
V1S-G-ABG-PG9 PF-V1S-G-ABG-PG9 Datasheet
554Kb / 2P
Male connector, field-attachable
2023-02-20
V1S-GV4A PF-V1S-GV4A Datasheet
145Kb / 1P
Field-attachable male connector
2015-12-08
V15S-G-PG9 PF-V15S-G-PG9 Datasheet
823Kb / 2P
Male connector, field-attachable
2023-02-20
V15S-W PF-V15S-W Datasheet
473Kb / 2P
Male connector, field-attachable
2021-12-08
V15SB-G-ABG-PG9 PF-V15SB-G-ABG-PG9 Datasheet
557Kb / 2P
Male connector, field-attachable
2023-02-20
V15SB-W-ABG-PG9 PF-V15SB-W-ABG-PG9 Datasheet
698Kb / 2P
Male connector, field-attachable
2023-02-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com