Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSTS5K-RKTS5K-916SW Datasheet (PDF) - Belden Inc.

RSTS5K-RKTS5K-916SW Datasheet PDF - Belden Inc.
Part # RSTS5K-RKTS5K-916SW
Download  RSTS5K-RKTS5K-916SW Download
File Size   738.47 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Double-Ended Cordset: Male straight to female straight, 5-pin(4PE), K-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²

RSTS5K-RKTS5K-916SW Datasheet (PDF)

Go To PDF Page Download Datasheet
RSTS5K-RKTS5K-916SW Datasheet PDF - Belden Inc.

Part # RSTS5K-RKTS5K-916SW
Download  RSTS5K-RKTS5K-916SW Click to download

File Size   738.47 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Double-Ended Cordset: Male straight to female straight, 5-pin(4PE), K-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²

RSTS5K-RKTS5K-916SW Datasheet (HTML) - Belden Inc.


RSTS5K-RKTS5K-916SW Product details

Product Description
M12 Power Double-Ended Cordset: Male straight to female straight, 5-pin(4+PE), K-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50mm²




Similar Part No. - RSTS5K-RKTS5K-916SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSTS5K-RKTS5K-910 BELDEN-RSTS5K-RKTS5K-910 Datasheet
746Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 5-pin(4PE), K-coded, shielded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
More results


Similar Description - RSTS5K-RKTS5K-916SW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200020138 MOLEX-1200020138 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668347 MOLEX-1200668347 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200070473 MOLEX-1200070473 Datasheet
35Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 0.34mm² Black PVC Cable, 1.0m (3.28) Length
12/14/2022
1200070906 MOLEX-1200070906 Datasheet
50Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 0.34mm² Black PVC Cable, 1.0m (3.28) Length
02/01/2023
1200070969 MOLEX-1200070969 Datasheet
50Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 0.34mm² Black PVC Cable, 5.0m (16.40) Length
02/02/2023
1200070970 MOLEX-1200070970 Datasheet
50Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 0.34mm² Black PVC Cable, 2.0m (6.56) Length
01/31/2023
1200668189 MOLEX-1200668189 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (90°), 0.34mm² Black PVC Cable, 1.0m (3.28) Length
01/31/2023
1200668278 MOLEX-1200668278 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (90°), 0.34mm² Black PVC Cable, 2.0m (6.56) Length
01/31/2023
1200668279 MOLEX-1200668279 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (90°), 0.34mm² Black PVC Cable, 5.0m (16.40) Length
01/31/2023
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com