Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1089161 Datasheet (PDF) - PHOENIX CONTACT

1089161 Datasheet PDF - PHOENIX CONTACT
Part # 1089161
Download  1089161 Download
File Size   236.56 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description G 5/ 2-EX - Device terminal block

1089161 Datasheet (PDF)

Go To PDF Page Download Datasheet
1089161 Datasheet PDF - PHOENIX CONTACT

Part # 1089161
Download  1089161 Click to download

File Size   236.56 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description G 5/ 2-EX - Device terminal block

1089161 Datasheet (HTML) - PHOENIX CONTACT


1089161 Product details

Device terminal block, nom. voltage: 500 V, nominal current: 32 A, number of connections: 4,
number of positions: 2, connection method: Screw connection, Rated cross section: 4 mm2,
cross section: 0.2 mm2 - 4 mm2, mounting type: direct screw connection, color: gray

Your advantages
• Touch-proof shock protection




Similar Part No. - 1089161

ManufacturerPart #DatasheetDescription
logo
Heyco.
10891 HEYCO-10891 Datasheet
114Kb / 1P
Nylon PCB Supports - Screw and Lock
logo
Festo Corporation.
1089104 FESTO-1089104 Datasheet
108Kb / 1P
Adapter kit
logo
PHOENIX CONTACT
1089126 PHOENIX-1089126 Datasheet
378Kb / 11P
FL SWITCH 2406-2SFX PN - Industrial Ethernet Switch
1089133 PHOENIX-1089133 Datasheet
375Kb / 11P
FL SWITCH 2408 PN - Industrial Ethernet Switch
1089134 PHOENIX-1089134 Datasheet
375Kb / 11P
FL SWITCH 2508 PN - Industrial Ethernet Switch
More results


Similar Description - 1089161

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701162 PHOENIX-1701162 Datasheet
77Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5-EX
1869774 PHOENIX-1869774 Datasheet
59Kb / 4P
PCB terminal block - MK3DSH 3/ 2-5,08-EX
1870255 PHOENIX-1870255 Datasheet
60Kb / 3P
PCB terminal block - MK3DSMH 3/ 2-5,08-EX
2703185 PHOENIX-2703185 Datasheet
84Kb / 7P
Device terminal block - G 5/ 4-EX
2703198 PHOENIX-2703198 Datasheet
81Kb / 6P
Device terminal block - G 5/ 6-EX
2716732 PHOENIX-2716732 Datasheet
74Kb / 6P
Device terminal block - G 10/ 5
2703208 PHOENIX-2703208 Datasheet
80Kb / 7P
Device terminal block - G 5/12-EX
09/12/2020
1848228 PHOENIX-1848228 Datasheet
87Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08- 5 EX
11/05/2018
3244711 PHOENIX-3244711 Datasheet
69Kb / 5P
Device terminal block - G 10/ 5 BD:L1,L2,L3,N,PE
09/12/2020
1071070 PHOENIX-1071070 Datasheet
309Kb / 10P
SPTAF 1/ 5-5,0-IL-EX - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com