Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1302 Datasheet (PDF) - SYC Electronica

DS1302 Datasheet PDF - SYC Electronica
Part # DS1302
Download  DS1302 Download
File Size   305.12 Kbytes
Page   13 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Trickle-Charge Timekeeping Chip

DS1302 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1302 Datasheet PDF - SYC Electronica

Part # DS1302
Download  DS1302 Click to download

File Size   305.12 Kbytes
Page   13 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Trickle-Charge Timekeeping Chip

DS1302 Datasheet (HTML) - SYC Electronica


DS1302 Product details

FEATURES
Real-Time Clock Counts Seconds, Minutes,
Hours, Date of the Month, Month, Day of the
Week, and Year with Leap-Year
Compensation Valid Up to 2100
31 x 8 Battery-Backed General-Purpose RAM
Serial I/O for Minimum Pin Count
2.0V to 5.5V Full Operation
Uses Less than 300nA at 2.0V
Single-Byte or Multiple-Byte (Burst Mode)
Data Transfer for Read or Write of Clock or
RAM Data
8-Pin DIP or Optional 8-Pin SO for Surface
Mount
Simple 3-Wire Interface
TTL-Compatible (VCC = 5V)
Optional Industrial Temperature Range:
-40°C to +85°C
DS1202 Compatible
Underwriters Laboratories (UL®)
Recognized




Similar Part No. - DS1302

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
More results


Similar Description - DS1302

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
Trickle-charge IC for two-cell, lithium-ion batteries
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
Serial Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
Trickle Charge Timekeeping Chip
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
Trickle Charge Timekeeping Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com