Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109 Datasheet (PDF) - SYC Electronica

ICL7109 Datasheet PDF - SYC Electronica
Part # ICL7109
Download  ICL7109 Download
File Size   990.34 Kbytes
Page   25 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 12-Bit, Microprocessor- Compatible A/D Converter

ICL7109 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7109 Datasheet PDF - SYC Electronica

Part # ICL7109
Download  ICL7109 Click to download

File Size   990.34 Kbytes
Page   25 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 12-Bit, Microprocessor- Compatible A/D Converter

ICL7109 Datasheet (HTML) - SYC Electronica


ICL7109 Product details

Features
• 12-Bit Binary (Plus Polarity and Over-Range) Dual
Slope Integrating Analog-to-Digital Converter
• Byte-Organized, TTL Compatible Three-State Outputs
and UART Handshake Mode for Simple Parallel or
Serial Interfacing to Microprocessor Systems
• RUN/HOLD Input and STATUS Output Can Be Used to
Monitor and Control Conversion Timing
• True Differential Input and Differential Reference
• Low Noise (Typ) . . . . . . . . . . . . . . . . . . . . . . . . 15μVP-P
• Input Current (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .1pA
• Operates At Up to 30 Conversions/s
• On-Chip Oscillator Operates with Inexpensive 3.58MHz
TV Crystal Giving 7.5 Conversions/s for 60Hz Rejection.
May Also Be Used with An RC Network Oscillator
for Other Clock Frequencies

Description
The ICL7109 is a high performance, CMOS, low power
integrating A/D converter designed to easily interface with
microprocessors.
The output data (12 bits, polarity and over-range) may be
directly accessed under control of two byte enable inputs and a
chip select input for a single parallel bus interface. A UART
handshake mode is provided to allow the ICL7109 to work with
industry-standard UARTs in providing serial data transmission.
The RUN/HOLD input and STATUS output allow monitoring
and control of conversion timing.
The ICL7109 provides the user with the high accuracy, low
noise, low drift versatility and economy of the dual-slope
integrating A/D converter. Features like true differential input
and reference, drift of less than 1μV/oC, maximum input bias
current of 10pA, and typical power consumption of 20mW
make the ICL7109 an attractive per-channel alternative to
analog multiplexing for many data acquisition applications.




Similar Part No. - ICL7109

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
logo
Maxim Integrated Produc...
ICL7109 MAXIM-ICL7109 Datasheet
853Kb / 20P
12 Bit A/D Converter With 3-State Binary Outputs
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Maxim Integrated Produc...
ICL7109C/D MAXIM-ICL7109C/D Datasheet
853Kb / 20P
12 Bit A/D Converter With 3-State Binary Outputs
logo
Intersil Corporation
ICL7109CPL INTERSIL-ICL7109CPL Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
More results


Similar Description - ICL7109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767 AD-AD767 Datasheet
289Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV.A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
logo
Analog Devices
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
Microprocessor Compatible 12 bit D/A Converter
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com