Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB10150FCT Datasheet (PDF) - Formosa MS

SB10150FCT Datasheet PDF - Formosa MS
Part # SB10150FCT
Download  SB10150FCT Download
File Size   105.34 Kbytes
Page   6 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 10A Power Schottky Barrier Rectifiers - 20V-200V

SB10150FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10150FCT Datasheet PDF - Formosa MS

Part # SB10150FCT
Download  SB10150FCT Click to download

File Size   105.34 Kbytes
Page   6 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 10A Power Schottky Barrier Rectifiers - 20V-200V

SB10150FCT Datasheet (HTML) - Formosa MS




Similar Part No. - SB10150FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150FCT PANJIT-SB10150FCT Datasheet
431Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB10150FCT PACELEADER-SB10150FCT Datasheet
324Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
55Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB10150FCT

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
Frontier Electronics.
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM220-S-THRU-FM2200-S FRONTIER-FM220-S-THRU-FM2200-S Datasheet
640Kb / 3P
2A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM520-BS-THRU-FM5200-BS FRONTIER-FM520-BS-THRU-FM5200-BS Datasheet
641Kb / 3P
5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM520-THRU-FM5200 FRONTIER-FM520-THRU-FM5200 Datasheet
636Kb / 3P
5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
SeCoS Halbleitertechnol...
SMPD10200L SECOS-SMPD10200L Datasheet
180Kb / 2P
200V, 10A Low VF Schottky Barrier Rectifiers
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com