Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15442 Datasheet (PDF) - Belden Inc.

15442 Datasheet PDF - Belden Inc.
Part # 15442
Download  15442 Download
File Size   670.61 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Double-Ended Cordset: Male straight to female angled, 19-pin, yellow body, 120 V AC/DC, 16x8 A 3x10 A; TPE yellow cable, 16x0.5 mm² 3x1.0 mm²

15442 Datasheet (PDF)

Go To PDF Page Download Datasheet
15442 Datasheet PDF - Belden Inc.

Part # 15442
Download  15442 Click to download

File Size   670.61 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Double-Ended Cordset: Male straight to female angled, 19-pin, yellow body, 120 V AC/DC, 16x8 A 3x10 A; TPE yellow cable, 16x0.5 mm² 3x1.0 mm²

15442 Datasheet (HTML) - Belden Inc.


15442 Product details

Product Description
M23 Power Double-Ended Cordset: Male straight to female angled, 19-pin, yellow body, 120 V AC/DC, 16x8 A + 3x10 A; TPE yellow cable, 16x0.5 mm² +
3x1.0 mm²




Similar Part No. - 15442

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1544239 TURCK-1544239 Datasheet
911Kb / 2P
Incremental Encoder Industrial Line
11/07/2023
logo
Tyco Electronics
1544247-1 MACOM-1544247-1 Datasheet
148Kb / 1P
CLIP 4.8X0.8 et 0.5 TYPE NG1 AVEC ERGOT
1544256-1 MACOM-1544256-1 Datasheet
86Kb / 1P
SIL CONTACT
1544256-2 MACOM-1544256-2 Datasheet
86Kb / 1P
SIL CONTACT
More results


Similar Description - 15442

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300100493 MOLEX-1300100493 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 8.0m (26.25) Length
04/03/2023
1300100496 MOLEX-1300100496 Datasheet
43Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 18.0m (59.05) Length
04/03/2023
1300100498 MOLEX-1300100498 Datasheet
45Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 30.0m (98.40) Length
03/21/2023
1300100888 MOLEX-1300100888 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 38.0m (26.25) Length
03/11/2023
1300100103 MOLEX-1300100103 Datasheet
38Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 2.0m (6.56) Length
03/22/2023
1300100487 MOLEX-1300100487 Datasheet
38Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 1.0m (3.28) Length
04/03/2023
1300100490 MOLEX-1300100490 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 4.0m (13.12) Length
03/21/2023
1300100491 MOLEX-1300100491 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/21/2023
1300100500 MOLEX-1300100500 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 46.0m (150.88) Length
04/03/2023
1300100860 MOLEX-1300100860 Datasheet
31Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 18 AWG, Yellow TPE Cable, 10.0m (32.81) Length
04/05/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com